Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN983 Datasheet(PDF) 12 Page - List of Unclassifed Manufacturers

Part # AN983
Description  PCI/miniPCI-to-Ethernet LAN Controller
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

AN983 Datasheet(HTML) 12 Page - List of Unclassifed Manufacturers

Back Button AN983 Datasheet HTML 8Page - List of Unclassifed Manufacturers AN983 Datasheet HTML 9Page - List of Unclassifed Manufacturers AN983 Datasheet HTML 10Page - List of Unclassifed Manufacturers AN983 Datasheet HTML 11Page - List of Unclassifed Manufacturers AN983 Datasheet HTML 12Page - List of Unclassifed Manufacturers AN983 Datasheet HTML 13Page - List of Unclassifed Manufacturers AN983 Datasheet HTML 14Page - List of Unclassifed Manufacturers AN983 Datasheet HTML 15Page - List of Unclassifed Manufacturers AN983 Datasheet HTML 16Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 91 page
background image
AN983B
PCI/miPCI Fast Ethernet Controller with integrated PHY
Provides serial interface for read/write 93C46/66 EEPROM
Automatically loads device ID, vendor ID, subsystem ID, subsystem vendor ID,
Maximum-Latency, and Minimum-Grand from the 64 byte contents of 93C46/66 after
PCI reset de-asserted in PCI environment.
MAC/PHYSICAL
Integrates the whole Physical layer functions of 100BASE-TX and 10BASE-T
Provides Full -duplex operation on both 100Mbps and 10Mbps modes
Provides Auto-negotiation (NWAY) function of full/half duplex operation for both 10 and
100 Mbps
Provides transmit wave-shaper, receive filters, and adaptive equalizer
Provides MLT-3 transceiver with DC restoration for Base-line wander compensation
Provides MAC and Transceiver (TXCVR) loop-back modes for diagnostic
Builds in Stream Cipher Scrambler/ De-scrambler and 4B/5B encoder/decoder
Supports external transmit transformer with turn ratio 1:1
Supports external receive transformer with turn ratio 1:1
LED DISPLAY
3 LEDs displays scheme provided:
100Mbps(on) or Speed 10(off)
Link (keeps on when link ok) or Activity (will be blinking with 10Hz when
receiving or transmitting but not collision)
FD (keeps on when in Full duplex mode) or Collision (will be blinking with 20Hz
when colliding)
4 LEDs displayed scheme provided:
100Mbps and Link (keep on when link and 100Mpbs)
10Mbps and Link (keep on when link and 10Mpbs)
Activity (will be blinking with 10Hz when receiving or transmitting but not
collision)
FD (keeps on when in Full duplex mode) or Collision (will be blinking with 20Hz
when colliding)
MISCELLANEOUS
Provides 128-pin QFP/LQFP packages for PCI/mini-PCI interfaces
3.3V power supply with 5V/3.3V I/O tolerance
ADMtek Inc.
www.admtek.com.tw
Rev. 1.8
12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com