Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN983 Datasheet(PDF) 45 Page - List of Unclassifed Manufacturers

Part # AN983
Description  PCI/miniPCI-to-Ethernet LAN Controller
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

AN983 Datasheet(HTML) 45 Page - List of Unclassifed Manufacturers

Back Button AN983 Datasheet HTML 41Page - List of Unclassifed Manufacturers AN983 Datasheet HTML 42Page - List of Unclassifed Manufacturers AN983 Datasheet HTML 43Page - List of Unclassifed Manufacturers AN983 Datasheet HTML 44Page - List of Unclassifed Manufacturers AN983 Datasheet HTML 45Page - List of Unclassifed Manufacturers AN983 Datasheet HTML 46Page - List of Unclassifed Manufacturers AN983 Datasheet HTML 47Page - List of Unclassifed Manufacturers AN983 Datasheet HTML 48Page - List of Unclassifed Manufacturers AN983 Datasheet HTML 49Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 91 page
background image
AN983B
PCI/miPCI Fast Ethernet Controller with integrated PHY
For example, physical address = 00-00-e8-11-22-33
PAR0= 11 e8 00 00
PAR1= xx xx 33 22
PAR0 and PAR1 are readable, but can be written only if the receive state is in stopped (CSR5 bit19-17=000).
CSR27 (offset = ach) - MAR0, multicast address register 0
Bit #
Name
Descriptions
Default Val RW Type
31~24
MAB3
Multicast address byte 3 (hash table 31:24)
0
R/W
23~16
MAB2
Multicast address byte 2 (hash table 23:16)
0
R/W
15~8
MAB1
Multicast address byte 1 (hash table 15:8)
0
R/W
7~0
MAB0
Multicast address byte 0 (hash table 7:0)
0
R/W
CSR28 (offset = b0h) - MAR1, multicast address register 1
Bit #
Name
Descriptions
Default Val RW Type
31~24
MAB7
Multicast address byte 7 (hash table 63:56)
0
R/W
23~16
MAB6
Multicast address byte 6 (hash table 55:48)
0
R/W
15~8
MAB5
Multicast address byte 5 (hash table 47:40)
0
R/W
7~0
MAB4
Multicast address byte 4 (hash table 39:32)
0
R/W
MAR0 and MAR1 are readable, but can be written only if the receive state is in stopped (CSR5
bit19-17=000).
Multicast 64 Algorithm:
AN983B uses CRC [5:0] to hit one of the 64 entries in UMAR1 [31:0] and MAR0[31:0] by generated
CRC32 from Ethernet DA (destination address).
The most significant bit CRC [5] choose the upper or lower double word, (MAR1 or MAR0), the lower 5
bit present for the corresponding bit inside the double word.
Example 1:
If CRC [5] =1'b0 --> hit MAR0
CRC [4:0] = 5'b00010 --> hit MAR0 [2]
Example 2:
CRC [5] = 1'b1 --> hit MAR1
CRC [4:0] = 5'b00100--> hit MAR1 [4]
CSR_29 (offset = b4h) - UAR0, unicast address register 0
Bit #
Name
Descriptions
Default Val RW Type
31~24
UAB3
Unicast address byte 3 (hash table 31:24)
0
R/W
23~16
UAB2
Unicast address byte 2 (hash table 23:16)
0
R/W
15~8
UAB1
Unicast address byte 1 (hash table 15:8)
0
R/W
7~0
UAB0
Unicast address byte 0 (hash table 7:0)
0
R/W
ADMtek Inc.
www.admtek.com.tw
Rev. 1.8
45



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com