Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN983 Datasheet(PDF) 49 Page - List of Unclassifed Manufacturers

Part # AN983
Description  PCI/miniPCI-to-Ethernet LAN Controller
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

AN983 Datasheet(HTML) 49 Page - List of Unclassifed Manufacturers

Back Button AN983 Datasheet HTML 45Page - List of Unclassifed Manufacturers AN983 Datasheet HTML 46Page - List of Unclassifed Manufacturers AN983 Datasheet HTML 47Page - List of Unclassifed Manufacturers AN983 Datasheet HTML 48Page - List of Unclassifed Manufacturers AN983 Datasheet HTML 49Page - List of Unclassifed Manufacturers AN983 Datasheet HTML 50Page - List of Unclassifed Manufacturers AN983 Datasheet HTML 51Page - List of Unclassifed Manufacturers AN983 Datasheet HTML 52Page - List of Unclassifed Manufacturers AN983 Datasheet HTML 53Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 91 page
background image
AN983B
PCI/miPCI Fast Ethernet Controller with integrated PHY
duplex
8-7
Reserved
RO
00
6
MF Preamble
Suppression
1 = PHY can accept management frames
with preamble suppression
0 = PHY cannot accept management
frames with preamble suppression
RO
1
5
Autoneg Complete
1 = autoneg completed,
0 = autoneg incomplete
RO
0
4
Remote Fault
1 = remote fault detected,
0 = no remote fault detected
RO, LH
0
3
Autoneg Ability
1 = PHY can auto-negotiate,
0 = PHY cannot auto-negotiate
RO
1
2
Link Status
1 = link is up,
0 = link is down
RO, LL
0
1
Jabber Detect
1 = jabber condition detected
RO, LH
0(see note)
0
Extended
Capability
1 = extended register capabilities,
0 = basic register set capabilities only
RO
1
LL
Latch Low
LH
Latch High
Jabber detect
Only used in 10Base-T mode. Reads as 0 in 100Base-TX mode.
Register 2 and 3
Each PHY has an identifier, which is assigned to the device.
The identifier contains a total of 32 bits, which consists of the following: 22 bits of a 24bit organisationally
unique identifier (OUI) for the manufacturer; a 6-bit manufacturer’s model number; a 4-bit manufacturer’s
revision number. For an explanation of how the OUI maps to the register, please refer to IEEE 802-1990
clause 5.1
Register 2
BIT
NAME
DESCRIPTION
READ/WRITE
DEFAULT
15:0
PHY_ID[31-16]
OUI (bits 3-18)
RO
001D(Hex)
Register 3
BIT
NAME
DESCRIPTION
READ/WRITE
DEFAULT
15:1
0
PHY_ID[15-10]
OUI (bits 19-24)
RO
001001(bin)
9:4
PHY_ID[9-4]
Manufacturer’s Model Number
RO
000001(bin)
ADMtek Inc.
www.admtek.com.tw
Rev. 1.8
49



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com