Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN983 Datasheet(PDF) 20 Page - List of Unclassifed Manufacturers

Part # AN983
Description  PCI/miniPCI-to-Ethernet LAN Controller
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

AN983 Datasheet(HTML) 20 Page - List of Unclassifed Manufacturers

Back Button AN983 Datasheet HTML 16Page - List of Unclassifed Manufacturers AN983 Datasheet HTML 17Page - List of Unclassifed Manufacturers AN983 Datasheet HTML 18Page - List of Unclassifed Manufacturers AN983 Datasheet HTML 19Page - List of Unclassifed Manufacturers AN983 Datasheet HTML 20Page - List of Unclassifed Manufacturers AN983 Datasheet HTML 21Page - List of Unclassifed Manufacturers AN983 Datasheet HTML 22Page - List of Unclassifed Manufacturers AN983 Datasheet HTML 23Page - List of Unclassifed Manufacturers AN983 Datasheet HTML 24Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 91 page
background image
AN983B
PCI/miPCI Fast Ethernet Controller with integrated PHY
7.1 AN983B CONFIGURATION REGISTERS
With the configuration registers software driver can initialize and configure AN983B. All of the
contents of configuration registers are set to default value when there is any hardware reset occurs.
On the other hand, there is no effect to their value when the software reset occurs. To access these
configuration registers AN983B provides byte, word, and double word data access length.
7.1.1. AN983B CONFIGURATION REGISTERS LIST
Offset
Index
Name
Descriptions
00h
CR0
LID
Loaded device ID and vendor ID
04h
CR1
CSC
Configuration Status and Command
08h
CR2
CC
Class Code and revision number
0ch
CR3
LT
Latency Timer
10h
CR4
IOBA
IO Base Address
14h
CR5
MBA
Memory Base Address
28h
CR10
CIS
Card Information Structure (for Card bus)
2ch
CR11
SID
Subsystem ID and vendor ID
30h
CR12
BRBA
Boot ROM Base Address (ROM size = 256KB)
34h
CR13
CP
Capability Pointer
3ch
CR15
CINT
Configuration Interrupt
40h
CR16
DS
Driver space for special purpose
80h
CR32
SIG
Signature of AN983B
c0h
CR48
PMR0
Power Management Register 0
c4h
CR49
PMR1
Power Management Register 1
ADMtek Inc.
www.admtek.com.tw
Rev. 1.8
20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com