Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN983 Datasheet(PDF) 67 Page - List of Unclassifed Manufacturers

Part # AN983
Description  PCI/miniPCI-to-Ethernet LAN Controller
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

AN983 Datasheet(HTML) 67 Page - List of Unclassifed Manufacturers

Back Button AN983 Datasheet HTML 63Page - List of Unclassifed Manufacturers AN983 Datasheet HTML 64Page - List of Unclassifed Manufacturers AN983 Datasheet HTML 65Page - List of Unclassifed Manufacturers AN983 Datasheet HTML 66Page - List of Unclassifed Manufacturers AN983 Datasheet HTML 67Page - List of Unclassifed Manufacturers AN983 Datasheet HTML 68Page - List of Unclassifed Manufacturers AN983 Datasheet HTML 69Page - List of Unclassifed Manufacturers AN983 Datasheet HTML 70Page - List of Unclassifed Manufacturers AN983 Datasheet HTML 71Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 91 page
background image
AN983B
PCI/miPCI Fast Ethernet Controller with integrated PHY
Start-of-Stream Delimiter-SSD (/J/K/)
In a transmission stream, the first 16 nibbles are MAC preamble. In order to let
partner delineate the boundary of a data transmission sequence and to authenticate
carrier events, the transceiver will replace the first 2 nibbles of the MAC preamble
with /J/K/ code-groups.
End-of-Stream Delimiter-ESD (/T/R/)
In order to indicate the termination of the normal data transmissions, the transceiver
will insert 2 nibbles of /T/R/ code-group after the last nibble of FCS.
Scrambling
All the encoded data (including the idle, SSD, and ESD code-groups) is passed to data
scrambler to reduce the EMI and spread the power spectrum using a 10-bit scrambler
seed loaded at the beginning.
Data conversion of Parallel to Serial, NRZ to NRZI, NRZI to MLT3
After scrambled, the transmission data with 5B type in 25MHz will be converted to
serial bit stream in 125HMz by the parallel to serial function. After serialized, the
transmission serial bit stream will be further converted from NRZ to NRZI format.
After NRZI converted, the NRZI bit stream is passed through MLT3 encoder to generate
the TP-PMD specified MLT3 code. With this MLT3 code, it lowers the frequency and
reduces the energy of the transmission signal in the UTP cable and also makes the
system easily to meet the FCC specification of EMI.
Wave-Shaper and Media Signal Driver
In order to reduce the energy of the harmonic frequency of transmission signals, the
transceiver provides the wave-shaper prior the line driver to smooth but keep
symmetric the rising/falling edge of transmission signals. The wave-shaped signals
include the 100BASE-TX and 10BASE-T both are passed to the same media signal driver.
This design can simplify the external magnetic connection with single one.
100BASE-TX Receiving Operation
Regarding the 100BASE-TX receiving operation, the transceiver provides the receiving
functions of PMD, PMA, and PCS for receiving incoming data signals through category 5
UTP cable and an isolation transformer with turn’s ratio of 1: 1.
It includes the adaptive
equalizer and baseline wander, data conversions of MLT3 to NRZI, NRZI to NRZ and serial
to parallel, the PLL for clock and data recovery, the de-scrambler, and the decoder of 5B/4B.
Adaptive Equalizer and Baseline Wander
Since the high-speed signals over the unshielded (or shielded) twisted Pair cable will
induce the amplitude attenuation and phase shifting. Furthermore, these effects are
depends on the signal frequency, cable type, cable length and the connectors of the
ADMtek Inc.
www.admtek.com.tw
Rev. 1.8
67



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com