Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN983 Datasheet(PDF) 74 Page - List of Unclassifed Manufacturers

Part # AN983
Description  PCI/miniPCI-to-Ethernet LAN Controller
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

AN983 Datasheet(HTML) 74 Page - List of Unclassifed Manufacturers

Back Button AN983 Datasheet HTML 70Page - List of Unclassifed Manufacturers AN983 Datasheet HTML 71Page - List of Unclassifed Manufacturers AN983 Datasheet HTML 72Page - List of Unclassifed Manufacturers AN983 Datasheet HTML 73Page - List of Unclassifed Manufacturers AN983 Datasheet HTML 74Page - List of Unclassifed Manufacturers AN983 Datasheet HTML 75Page - List of Unclassifed Manufacturers AN983 Datasheet HTML 76Page - List of Unclassifed Manufacturers AN983 Datasheet HTML 77Page - List of Unclassifed Manufacturers AN983 Datasheet HTML 78Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 91 page
background image
AN983B
PCI/miPCI Fast Ethernet Controller with integrated PHY
Compatibility with PCI CLKRUN scheme.
8.9.1 POWER STATES
DO (Fully On)
In this state the AN983B operates as full functionality and consumes its normal power. While
in the D0 state, if the PCI clock is lower than 16MHz, the AN983B may not receive or
transmit frames properly.
D1
In this state the AN983B doesn’t response to any accesses, except configuration space and
full function context in place. The only network operation the AN983B can initiate is a
wake-up event.
D2
In this state the AN983B only respond to access configuration space and full function context
in place. The AN983B can’t transmit or receive even the wake-up frame.
D3cold (Power Removed)
In this state all function context is lost. When power is restored, the function will return to D0.
D3hot (Software Visible D3)
When the AN983B is brought back to D0 from D3hot the software must perform a full
initialization.
The AN983B in the D3hot state respond to configurations cycles as long as power and clock
are supplied. This requires the device to perform an internal reset and return to a power-up
reset condition without the RST# pin asserted.
Power State
Device
State
PCI-Bus
State
Function
Context
Clock
Power
Supported
Actions to
Function
Supported
Actions from
Function
D0
B0
Full function context
in place
Full speed
Full
power
Any PCI
transaction
Any PCI
transaction or
interrupt
D1
B0, B1
Configuration
maintained. No Tx and
Rx except wake-up
events
Stopped to
Full speed
PCI configuration
access
Only wake-up
events
D2
B0, B1,
Configuration
Stopped to
PCI configuration
ADMtek Inc.
www.admtek.com.tw
Rev. 1.8
74



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com