Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN983 Datasheet(PDF) 73 Page - List of Unclassifed Manufacturers

Part # AN983
Description  PCI/miniPCI-to-Ethernet LAN Controller
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

AN983 Datasheet(HTML) 73 Page - List of Unclassifed Manufacturers

Back Button AN983 Datasheet HTML 69Page - List of Unclassifed Manufacturers AN983 Datasheet HTML 70Page - List of Unclassifed Manufacturers AN983 Datasheet HTML 71Page - List of Unclassifed Manufacturers AN983 Datasheet HTML 72Page - List of Unclassifed Manufacturers AN983 Datasheet HTML 73Page - List of Unclassifed Manufacturers AN983 Datasheet HTML 74Page - List of Unclassifed Manufacturers AN983 Datasheet HTML 75Page - List of Unclassifed Manufacturers AN983 Datasheet HTML 76Page - List of Unclassifed Manufacturers AN983 Datasheet HTML 77Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 91 page
background image
AN983B
PCI/miPCI Fast Ethernet Controller with integrated PHY
contains to default value then clear the bit 15 of PHY register 0 to 0.
8.8 WAKE ON LAN FUNCTION
The AN983B can assert a signal to wake up the system when it received a Magic Packet from the
network. The Wake on LAN operation is described as follow.
8.8.1 THE MAGIC PACKET FORMAT
Valid destination address that can pass the address filter of the AN983B
The payload of frame must include at least 6 contiguous ‘FF’ followed immediately by
16 repetitions of IEEE address.
The frame can contain multiple ‘six FF + sixteen IEEE address’ pattern.
CRC OK
8.8.2 THE WAKE ON LAN OPERATION
The Wake on LAN enable function is controlled by bit 18 of CSR18; it is loaded from EEPROM
after reset or programmed by driver to enable Wake on LAN function. If the bit 18 of CSR18 is set
and the AN983B receive a Magic Packet, it will assert the PME# signal (drive to low) to indicate
receiving a wake up frame as well as to set the PME status bit (the bit 15 of CSR20).
8.9 ACPI POWER MANAGEMENT FUNCTION
The AN983B has a built-in capability for Power Management (PM), which controlled by the host
system
The AN983B will provide:
Compatibility with Device Class Power Management Reference
Specification, Rev1.09
Compatibility with ACPI specification, Rev 1.0
Compatibility with PCI Bus Power Management Interface Specification,
Rev 1.1
Compatibility with AMD Magic Packet™ Technology.
ADMtek Inc.
www.admtek.com.tw
Rev. 1.8
73



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com