Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN983 Datasheet(PDF) 72 Page - List of Unclassifed Manufacturers

Part # AN983
Description  PCI/miniPCI-to-Ethernet LAN Controller
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

AN983 Datasheet(HTML) 72 Page - List of Unclassifed Manufacturers

Back Button AN983 Datasheet HTML 68Page - List of Unclassifed Manufacturers AN983 Datasheet HTML 69Page - List of Unclassifed Manufacturers AN983 Datasheet HTML 70Page - List of Unclassifed Manufacturers AN983 Datasheet HTML 71Page - List of Unclassifed Manufacturers AN983 Datasheet HTML 72Page - List of Unclassifed Manufacturers AN983 Datasheet HTML 73Page - List of Unclassifed Manufacturers AN983 Datasheet HTML 74Page - List of Unclassifed Manufacturers AN983 Datasheet HTML 75Page - List of Unclassifed Manufacturers AN983 Datasheet HTML 76Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 91 page
background image
AN983B
PCI/miPCI Fast Ethernet Controller with integrated PHY
8.6 LED DISPLAY OPERATION
The AN983B provides 2 kinds of LED display mode; the detail descriptions about the operation are
described in the PIN Description section.
8.6.1 FIRST MODE - 3 LED DISPLAYS FOR
100Mbps(on) or 10Mbps(off)
Link (Keeps on when link ok) or Activity (Blink with 10Hz when receiving or
transmitting but not collision)
FD (Keeps on when in Full duplex mode) or Collision (Blink with 20Hz when colliding)
8.6.2 SECOND MODE – 4 LED DISPLAYS FOR
100 Link (On when 100M link ok)
10 Link (On when 10M link ok)
Activity (Blink with 10Hz when receiving or transmitting)
FD (Keeps on when in Full duplex mode) or Collision (Blink with 20Hz when colliding)
8.7 RESET OPERATION
8.7.1 RESET WHOLE CHIP
There are two ways to reset the AN983B.
First, hardware reset, the AN983B can be reset via RST#
pin. For ensuring proper reset operation, at least 100
µs active Reset input signal is required. Second,
software reset, when bit 0 of CSR0 register is set to 1, the AN983B will reset entire circuits and
register to default value then clear the bit 0 of CSR0 to 0.
8.7.2 RESET TRANSCEIVER ONLY
When bit 15 of PHY register 0 is set to 1, the transceiver will reset entire circuits and register
ADMtek Inc.
www.admtek.com.tw
Rev. 1.8
72



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com