Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN983 Datasheet(PDF) 16 Page - List of Unclassifed Manufacturers

Part # AN983
Description  PCI/miniPCI-to-Ethernet LAN Controller
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

AN983 Datasheet(HTML) 16 Page - List of Unclassifed Manufacturers

Back Button AN983 Datasheet HTML 12Page - List of Unclassifed Manufacturers AN983 Datasheet HTML 13Page - List of Unclassifed Manufacturers AN983 Datasheet HTML 14Page - List of Unclassifed Manufacturers AN983 Datasheet HTML 15Page - List of Unclassifed Manufacturers AN983 Datasheet HTML 16Page - List of Unclassifed Manufacturers AN983 Datasheet HTML 17Page - List of Unclassifed Manufacturers AN983 Datasheet HTML 18Page - List of Unclassifed Manufacturers AN983 Datasheet HTML 19Page - List of Unclassifed Manufacturers AN983 Datasheet HTML 20Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 91 page
background image
AN983B
PCI/miPCI Fast Ethernet Controller with integrated PHY
43
57
69
83
C-BEB3
C-BEB2
C-BEB1
C-BEB0
I/O
Bus command and byte enable
44
IDSEL
I
Initialization Device Select. This signal is asserted when host issues the
configuration cycles to the AN983B.
59
FRAME#
I/O
Begin and duration of bus access, driven by master device
60
IRDY#
I/O
Master device is ready to data transaction
61
TRDY#
I/O
Slave device is ready to data transaction
63
DEVSEL#
I/O
Device select, target is driving to indicate the address is decoded
64
STOP#
I/O
Target device request the master device to stop the current transaction
65
PERR#
I/O
Data parity error is detected, driven by the agent receiving data
66
SERR#
O/D Address parity error
68
PAR
I/O
Parity, even parity (AD [31:0] + C/BE [3:0]), master drives par for address
and write data phase, target drives par for read data phase
92
Clk-run
I/O
O/D
Clock Run for PCI system. In the normal operation situation, Host should
assert this signal to indicate AN983B about the normal situation. On the
other hand, when Host will deassert this signal when the clock is going down
to a non-operating frequency. When AN983B recognizes the deasserted
status of clk-run, then it will assert clk-run to request host to maintain the
normal clock operation. When clk-run function is disabled then the AN983B
will set clk-run in tri-state.
BOOTROM/EEPROM INTERFACE
98~101,
106,108
~110,
112,
113,
126,
127,
128,
1~3, 105
BrA0 ~16
I/O
ROM data bus
Provides up to 128kB EPROM or Flash-ROM application space.
116~
120,
121~
123,
BrD0~4
BrD5/EDO
BrD6/EDI
BrD7/ECK
IO
IO/O
IO/I
IO/I
BootROM data bus bit (0~7)
Inputs/Output data for AN983B; EDO: Data Output of serial EEPROM
Inputs/Output data for AN983B; EDI: Data Input of serial EEPROM
Inputs/Output data for AN983B; ECK: Clock input of serial EEPROM, the
AN983B
outputs clock signal to EEPROM
124
EECS
O
Chip Select of serial EEPROM
125
BrCS#
O
BootROM Chip Select
114
BrOE#
O
BootROM Read Enable for flash ROM application
ADMtek Inc.
www.admtek.com.tw
Rev. 1.8
16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com