Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN983 Datasheet(PDF) 30 Page - List of Unclassifed Manufacturers

Part # AN983
Description  PCI/miniPCI-to-Ethernet LAN Controller
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

AN983 Datasheet(HTML) 30 Page - List of Unclassifed Manufacturers

Back Button AN983 Datasheet HTML 26Page - List of Unclassifed Manufacturers AN983 Datasheet HTML 27Page - List of Unclassifed Manufacturers AN983 Datasheet HTML 28Page - List of Unclassifed Manufacturers AN983 Datasheet HTML 29Page - List of Unclassifed Manufacturers AN983 Datasheet HTML 30Page - List of Unclassifed Manufacturers AN983 Datasheet HTML 31Page - List of Unclassifed Manufacturers AN983 Datasheet HTML 32Page - List of Unclassifed Manufacturers AN983 Datasheet HTML 33Page - List of Unclassifed Manufacturers AN983 Datasheet HTML 34Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 91 page
background image
AN983B
PCI/miPCI Fast Ethernet Controller with integrated PHY
6 ~ 2
DSL
Descriptor Skip Length. Defines the gap between two
descriptions in the units of DW.
0
R/W*
1
BAR
Bus arbitration
0: receive higher priority
1: transmit higher priority
0
R/W*
0
SWR
Software reset
1: reset all internal hardware, except configuration
registers. This signal will be cleared by AN983B itself after it
completed the reset process.
0
R/W*
R/W* = before writing the transmit and receive operations should be stopped.
CSR1 (offset = 08h), TDR - Transmit demand register
Bit #
Name
Descriptions
Default Val RW Type
31~ 0
TPDM
Transmit poll demand
When written any value in suspended state, trigger
read-tx-descriptor process and check the own-bit, if
own-bit = 1, then start transmit process
ffffffffh
R/W*
R/W* = before writing the transmit process should be in the suspended state.
CSR2 (offset = 10h), RDR - Receive demand register
Bit #
Name
Descriptions
Default Val RW Type
31 ~ 0
RPDM
Receive poll demand
When written any value in suspended state, trigger the
read-rx-descriptor process and check own-bit, if own-
bit =
1, then start move data to buffer from FIFO
ffffffffh
R/W*
R/W* = before writing the receive process should be in the suspended state.
CSR3 (offset = 18h), RDB - Receive descriptor base address
Bit #
Name
Descriptions
Default Val RW Type
31~ 2
SAR
Start address of receive descriptor
xxxxxxx
R/W*
1, 0
RBND
Must be 00, DW boundary
00
RO
R/W* = before writing the receive process should be stopped.
CSR4 (offset = 20h), TDB - Transmit descriptor base address
Bit #
Name
Descriptions
Default Val RW Type
31~ 2
SAT
Start address of transmit descriptor
xxxxxx
R/W*
1, 0
TBND
Must be 00, DW boundary
00
RO
R/W* = before writing the transmit process should be stopped.
CSR5 (offset = 28h), SR - Status register
Bit #
Name
Descriptions
Default Val RW Type
31~ 26
----
Reserved
25~ 23
BET
Bus Error Type. This field is valid only when bit 13 of CSR5
(fatal bus error) is set. There is no interrupt generated by
this field.
000
RO
ADMtek Inc.
www.admtek.com.tw
Rev. 1.8
30



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com