Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN983 Datasheet(PDF) 46 Page - List of Unclassifed Manufacturers

Part # AN983
Description  PCI/miniPCI-to-Ethernet LAN Controller
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

AN983 Datasheet(HTML) 46 Page - List of Unclassifed Manufacturers

Back Button AN983 Datasheet HTML 42Page - List of Unclassifed Manufacturers AN983 Datasheet HTML 43Page - List of Unclassifed Manufacturers AN983 Datasheet HTML 44Page - List of Unclassifed Manufacturers AN983 Datasheet HTML 45Page - List of Unclassifed Manufacturers AN983 Datasheet HTML 46Page - List of Unclassifed Manufacturers AN983 Datasheet HTML 47Page - List of Unclassifed Manufacturers AN983 Datasheet HTML 48Page - List of Unclassifed Manufacturers AN983 Datasheet HTML 49Page - List of Unclassifed Manufacturers AN983 Datasheet HTML 50Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 91 page
background image
AN983B
PCI/miPCI Fast Ethernet Controller with integrated PHY
CSR_30(offset = b8h) - UAR1, unicast address register 1
Bit #
Name
Descriptions
Default Val RW Type
31~24
UAB7
Unicast address byte 7 (hash table 63:56)
0
R/W
23~16
UAB6
Unicast address byte 6 (hash table 55:48)
0
R/W
15~8
UAB5
Unicast address byte 5 (hash table 47:40)
0
R/W
7~0
UAB4
Unicast address byte 4 (hash table 39:32)
0
R/W
Unicast64 Algorithm:
The algorithm is the with multicast64.
Operation Mode Register (offset 0FCh)
Bit #
Name
Descriptions
Default Val RW Type
31
SPEED
Network Speed Status
1: 100M
0: 10M
0
RO
30
FD
Full/Half Duplex Status
1: Full duplex
0: Half duplex
0
RO
29
LINK
Network Link Status
1: Link On
2: Link Off
0
RO
28~27
Reserved
26
EERLOD
Write 1 to this bit will cause AN983B to reload data from
EEPROM. After reload completed, this bit will be cleared
automatically.
0
R/W
25~3
Reserved
2~0
OpMode
These three bits are used to configure AN983B’s operation
mode:
111b: Single Chip mode (Normal operation)
At this mode, AN983B is configured as single chip to provide
PCI to Ethernet controller.
100b: MAC-only mode
The AN983B is configured as a MAC only controller, it provide
standard MII interface to link to the external PHY. The MII
interface pins are multiplexed with BootROM interface.
Others: For diagnostic purpose.
111b
R/W
ADMtek Inc.
www.admtek.com.tw
Rev. 1.8
46



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com