Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN983 Datasheet(PDF) 27 Page - List of Unclassifed Manufacturers

Part # AN983
Description  PCI/miniPCI-to-Ethernet LAN Controller
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

AN983 Datasheet(HTML) 27 Page - List of Unclassifed Manufacturers

Back Button AN983 Datasheet HTML 23Page - List of Unclassifed Manufacturers AN983 Datasheet HTML 24Page - List of Unclassifed Manufacturers AN983 Datasheet HTML 25Page - List of Unclassifed Manufacturers AN983 Datasheet HTML 26Page - List of Unclassifed Manufacturers AN983 Datasheet HTML 27Page - List of Unclassifed Manufacturers AN983 Datasheet HTML 28Page - List of Unclassifed Manufacturers AN983 Datasheet HTML 29Page - List of Unclassifed Manufacturers AN983 Datasheet HTML 30Page - List of Unclassifed Manufacturers AN983 Datasheet HTML 31Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 91 page
background image
AN983B
PCI/miPCI Fast Ethernet Controller with integrated PHY
interpreting the value of the Data register. This field is
required for any function that implements the Data register.
Otherwise, it’s optional.
The AN983B doesn’t support Data register and Data_Scale.
12~9
DSEL
Data_Select, This four-bit field is used to select which data
is to be reported through the Data register and Data_Scale
field. This field is required for any function that implements
the Data register.
The AN983B doesn’t support Data_select.
0000b
R/W
8
PME_En
PME_En, “1” enables the AN983B to assert PME#. When “0”
disables the PME# assertion.
Magic packet default enable:
When Csr18<18> and csr18<19> are set to 1, than the magic
packet wake up event will be default enabled (csr13<9> be
set) it doesn’t matter the PME_En is set or not.
0
R/W
7~2
---
Reserved.
000000b
RO
1,0
PWRS
PowerState, This two-bit field is used both to determine the
current power state of the AN983B and to set the AN983B
into a new power state. The definition of this field is given
below.
00b - D0
01b - D1
10b - D2
11b - D3hot
This field is auto cleared to D0 when power resumed.
00b
R/W
R/W*: Read and Write clear
ADMtek Inc.
www.admtek.com.tw
Rev. 1.8
27



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com