Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN983 Datasheet(PDF) 50 Page - List of Unclassifed Manufacturers

Part # AN983
Description  PCI/miniPCI-to-Ethernet LAN Controller
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

AN983 Datasheet(HTML) 50 Page - List of Unclassifed Manufacturers

Back Button AN983 Datasheet HTML 46Page - List of Unclassifed Manufacturers AN983 Datasheet HTML 47Page - List of Unclassifed Manufacturers AN983 Datasheet HTML 48Page - List of Unclassifed Manufacturers AN983 Datasheet HTML 49Page - List of Unclassifed Manufacturers AN983 Datasheet HTML 50Page - List of Unclassifed Manufacturers AN983 Datasheet HTML 51Page - List of Unclassifed Manufacturers AN983 Datasheet HTML 52Page - List of Unclassifed Manufacturers AN983 Datasheet HTML 53Page - List of Unclassifed Manufacturers AN983 Datasheet HTML 54Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 91 page
background image
AN983B
PCI/miPCI Fast Ethernet Controller with integrated PHY
(bits 5-0)
3:0
PHY_ID[3-0]
Revision Number (bits 3-0);
Register 3, bit 0 is LS bit of PHY
Identifier
RO
0001(bin)
This uses the OUI of ADMtek, device type of 1 and rev 0.
Register 4
BIT
NAME
DESCRIPTION
READ/WRITE
DEFAULT
15
Next Page
1 = Device set to use Next Page,
0 = Device not set to use Next Page
R/W
0
14
Reserved
RO
0
13
Remote Fault
1 = Local remote fault sent to link
partner
0 = no fault detected
R/W
0
12:1
1
Not implemented
Technology ability bits A7-A6
RO
00
10
Pause
Technology ability bit A5
R/W
0
9
Not implemented
Technology ability bit A4
RO
0
8
100BASE-TX full
duplex
Technology ability bit A3
1 = Unit is capable of Full Duplex
0 = Unit is not capable of Full
Duplex
R/W
0
7
100BASE-TX half
duplex
Technology ability bit A2
1 = Unit is capable of Half Duplex
0 = Unit is not capable of Half
Duplex 100BASE-TX
R/W
0
6
10BASE-T full
duplex
Technology ability bit A1
1 = Unit is capable of Full Duplex
10BASE-T
0 = Unit is not capable of Full
Duplex 10BASE-T
R/W
0
5
10BASE-T half
duplex
Technology ability bit A0
1 = Unit is capable of Half Duplex
10BASE-T
0 = Unit is not capable of Half
Duplex 10BASE-T
R/W
0
4:0
Selector Field
Identifies type of message being
sent. Currently only one value is
defined.
RO
00001
Register 5
The register is used to view the advertised capabilities of the link partner once autonegotiation is complete.
ADMtek Inc.
www.admtek.com.tw
Rev. 1.8
50



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com