Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN983 Datasheet(PDF) 76 Page - List of Unclassifed Manufacturers

Part # AN983
Description  PCI/miniPCI-to-Ethernet LAN Controller
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

AN983 Datasheet(HTML) 76 Page - List of Unclassifed Manufacturers

Back Button AN983 Datasheet HTML 72Page - List of Unclassifed Manufacturers AN983 Datasheet HTML 73Page - List of Unclassifed Manufacturers AN983 Datasheet HTML 74Page - List of Unclassifed Manufacturers AN983 Datasheet HTML 75Page - List of Unclassifed Manufacturers AN983 Datasheet HTML 76Page - List of Unclassifed Manufacturers AN983 Datasheet HTML 77Page - List of Unclassifed Manufacturers AN983 Datasheet HTML 78Page - List of Unclassifed Manufacturers AN983 Datasheet HTML 79Page - List of Unclassifed Manufacturers AN983 Datasheet HTML 80Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 91 page
background image
AN983B
PCI/miPCI Fast Ethernet Controller with integrated PHY
9. GENERAL EEPROM FORMAT DESCRIPTION
Connection Type Definition
Offset
Length
Description
0
2
AN983B Signature: 0x85, 0x09, AN985 Signature: 0x85, 0x19
2
1
Format major version: 0x02.
3
1
Format minor version: 0x00
4
4
Reserved
8
6
IEEE network address: ID1, ID2, ID3, ID4, ID5, ID6
E
1
Reserved, should be zero.
F
1
Reserved, should be zero.
10
1
Phytype
Reserved, should be zero.
11
1
Reserved, should be zero.
12
2
Default Connection Type,
See Table 9.1
14
1
BootRom ENABLE=1, DISABLE=0
15
1
BootRom Default selection:
0: Using INT 18h
1: Using INT 19h
2: Using Pnp/BEV (BBS)
0x10: Boot From RPL
16
0xA
Reserved, should be zero.
20
2
PCI Device ID.:0X0985 (AN983B), 0x1985(AN985)
22
2
PCI Vendor ID.:0x1317
24
2
PCI Subsystem ID.
26
2
PCI Subsystem Vendor ID.
28
1
MIN_GNT value. 0xFF
29
1
MAX_LAT value. 0xFF
2A
4
CIS Pointer, it will be loaded into CR10. 0x0202
2E
2
CSR18 (CR) bit 31-16 recall data. Please reference AN983B Spec.
30
0x22
Reserved, should be zero.
52
2
Cardbus CIS length.
54
0x2A
Reserved, should be zero.
7E
2
CheckSum, the least significant two bytes of FCS for data stored in offset 0.7D
of EEPROM
140
C0
Cardbus CIS
ADMtek Inc.
www.admtek.com.tw
Rev. 1.8
76



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com