Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN983 Datasheet(PDF) 51 Page - List of Unclassifed Manufacturers

Part # AN983
Description  PCI/miniPCI-to-Ethernet LAN Controller
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

AN983 Datasheet(HTML) 51 Page - List of Unclassifed Manufacturers

Back Button AN983 Datasheet HTML 47Page - List of Unclassifed Manufacturers AN983 Datasheet HTML 48Page - List of Unclassifed Manufacturers AN983 Datasheet HTML 49Page - List of Unclassifed Manufacturers AN983 Datasheet HTML 50Page - List of Unclassifed Manufacturers AN983 Datasheet HTML 51Page - List of Unclassifed Manufacturers AN983 Datasheet HTML 52Page - List of Unclassifed Manufacturers AN983 Datasheet HTML 53Page - List of Unclassifed Manufacturers AN983 Datasheet HTML 54Page - List of Unclassifed Manufacturers AN983 Datasheet HTML 55Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 91 page
background image
AN983B
PCI/miPCI Fast Ethernet Controller with integrated PHY
The contents of this register should not be relied upon unless register 1 bit 5 is set (autoneg complete).
After negotiation this register should contain a copy of the link partner’s register 4. All bits are therefore
defined in the same way as for register 4.
All bits are read only.
This register is used for Base Page code word only.
Base Page Register Format
BIT
NAME
DESCRIPTION
READ/WRITE
DEFAULT
15
Next Page
1 = Link Partner is requesting Next
Page function
0 = Base Page is requested
RO
0
14
Acknowledge
Link Partner acknowledgement bit
RO
0
13
Remote Fault
Link Partner is indicating a fault
RO
0
12:5
Technology
Ability
Link Partner technology ability field.
RO
00(hex)
4:0
Selector Field
Link Partner selector field
RO
00000
Register 6
BIT
NAME
DESCRIPTION
READ/WRITE
DEFAULT
15:5
Reserved
RO
000(hex)
4
Parallel
Detection Fault
1 = Local Device Parallel Detection
Fault
0 = No fault detected
RO, LH
0
3
Link Partner
Next Page Able
1 = Link Partner is Next Page Able
0 = Link Partner is not Next Page Able
RO
0
2
Next Page Able
1 = Local device is Next Page Able
0 = Local device is not Next Page Able
RO
1
1
Page Received
1 = A New Page has been received
0 = A New Page has not been received
RO, LH
0
0
Link Partner
Autonegotiation
Able
1 = Link Partner is Autonegotiation
able
0 = Link Partner is not Autonegotiation
able
RO
0
LH
Latch High
7.4. DESCRIPTORS AND BUFFER MANAGEMENT
ADMtek Inc.
www.admtek.com.tw
Rev. 1.8
51



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com