Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN983 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # AN983
Description  PCI/miniPCI-to-Ethernet LAN Controller
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

AN983 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  AN983 Datasheet HTML 1Page - List of Unclassifed Manufacturers AN983 Datasheet HTML 2Page - List of Unclassifed Manufacturers AN983 Datasheet HTML 3Page - List of Unclassifed Manufacturers AN983 Datasheet HTML 4Page - List of Unclassifed Manufacturers AN983 Datasheet HTML 5Page - List of Unclassifed Manufacturers AN983 Datasheet HTML 6Page - List of Unclassifed Manufacturers AN983 Datasheet HTML 7Page - List of Unclassifed Manufacturers AN983 Datasheet HTML 8Page - List of Unclassifed Manufacturers AN983 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 91 page
background image
AN983B
PCI/miPCI Fast Ethernet Controller with integrated PHY
Datasheet Revision History
Revision Date
Revision
Description
Oct, 2000
0.1
Draft data sheet for review
Feb, 2001
1.0
First release
Mar, 2001
1.1
Add CSR15.bit28 MRXCK
Add CSR18.bit26 PMEP
Add CSR18.bit27 PMEPEN
Sep, 2001
1.2
Add 25MHz crystal accuracy
Revise PHY registers
Sep, 2001
1.3
Revise product logo of Pin assignment diagram
Sep, 2001
1.4
P.17 MrxD0~D3
P.23 CIOSA : 1 means enable ; 0 means disable
P.14 Add LED info to pin diagram
JULY, 2002
1.5
P.25 Offset 80h, DID default value : 0981h
P.40 CSR18[25] / PWRS_clr : 1 means PCI_reset rising will clear
CR49[1:0]/PWRS
JULY, 2002
1.6
P.85 FIG21, FIG22, FIG23, FIG24 added for MII interface signal
timing.
JULY, 2002
1.7
P.45 Unicast registers added
MAY, 2003
1.8
P.69 Modify some error statement about Loop-back Operation of
transceiver
T able- 1
Revision History
ADMtek Inc.
www.admtek.com.tw
Rev. 1.8
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com