Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN983 Datasheet(PDF) 79 Page - List of Unclassifed Manufacturers

Part # AN983
Description  PCI/miniPCI-to-Ethernet LAN Controller
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

AN983 Datasheet(HTML) 79 Page - List of Unclassifed Manufacturers

Back Button AN983 Datasheet HTML 75Page - List of Unclassifed Manufacturers AN983 Datasheet HTML 76Page - List of Unclassifed Manufacturers AN983 Datasheet HTML 77Page - List of Unclassifed Manufacturers AN983 Datasheet HTML 78Page - List of Unclassifed Manufacturers AN983 Datasheet HTML 79Page - List of Unclassifed Manufacturers AN983 Datasheet HTML 80Page - List of Unclassifed Manufacturers AN983 Datasheet HTML 81Page - List of Unclassifed Manufacturers AN983 Datasheet HTML 82Page - List of Unclassifed Manufacturers AN983 Datasheet HTML 83Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 91 page
background image
AN983B
PCI/miPCI Fast Ethernet Controller with integrated PHY
Cinf
Input Pin Capacitance
5
8
pF
10.3 AC SPECIFICATIONS
PCI Signaling AC Specifications for 3.3V
Parameter
Description
Condition
Min
Typical
Max
Units
Ioh (AC)
Switching Current High
4
mA
Iol (AC)
Switching Current Low
6
mA
Slew Rate
0.25
1
V/ns
Tr
Unloaded Output Rise Time
0.2vcc~0.6vcc
1
4
V/ns
Tf
Unloaded Output Fall Time
0.6vcc~0.2vcc
1
4
V/ns
10.4 TIMING SPECIFICATIONS
PCI Clock Specifications
Parameter
Description
Condition
Min
Typical
Max
Units
Tcyc
Clock Cycle Time
30
ns
Thigh
Clock High Time
12
ns
Tlow
Clock Low Time
12
ns
Clock Slew Rate
1
4
V/ns
0.6vcc
Thigh
0.4Vcc
Tlow
0.2Vcc
Tcyc
Fig -
16
PCI Clock Waveform
ADMtek Inc.
www.admtek.com.tw
Rev. 1.8
79



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com