Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN983 Datasheet(PDF) 38 Page - List of Unclassifed Manufacturers

Part # AN983
Description  PCI/miniPCI-to-Ethernet LAN Controller
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

AN983 Datasheet(HTML) 38 Page - List of Unclassifed Manufacturers

Back Button AN983 Datasheet HTML 34Page - List of Unclassifed Manufacturers AN983 Datasheet HTML 35Page - List of Unclassifed Manufacturers AN983 Datasheet HTML 36Page - List of Unclassifed Manufacturers AN983 Datasheet HTML 37Page - List of Unclassifed Manufacturers AN983 Datasheet HTML 38Page - List of Unclassifed Manufacturers AN983 Datasheet HTML 39Page - List of Unclassifed Manufacturers AN983 Datasheet HTML 40Page - List of Unclassifed Manufacturers AN983 Datasheet HTML 41Page - List of Unclassifed Manufacturers AN983 Datasheet HTML 42Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 91 page
background image
AN983B
PCI/miPCI Fast Ethernet Controller with integrated PHY
0008h
Wake-up pattern 1 mask bits 95:64
000ch
Wake-up pattern 1 mask bits 127:96
0010h
CRC16 of pattern 1
Reserved
Wake-up pattern 1 offset
0014h
Wake-up pattern 2 mask bits 31:0
0018h
Wake-up pattern 2 mask bits 63:32
001ch
Wake-up pattern 2 mask bits 95:64
0020h
Wake-up pattern 2 mask bits 127:96
0024h
CRC16 of pattern 2
Reserved
Wake-up pattern 2 offset
0028h
Wake-up pattern 3 mask bits 31:0
002ch
Wake-up pattern 3 mask bits 63:32
0030h
Wake-up pattern 3 mask bits 95:64
0034h
Wake-up pattern 3 mask bits 127:96
0038h
CRC16 of pattern 3
Reserved
Wake-up pattern 3 offset
003ch
Wake-up pattern 4 mask bits 31:0
0040h
Wake-up pattern 4 mask bits 63:32
0044h
Wake-up pattern 4 mask bits 95:64
0048h
Wake-up pattern 4 mask bits 127:96
004ch
CRC16 of pattern 4
Reserved
Wake-up pattern 4 offset
0050h
Wake-up pattern 5 mask bits 31:0
0054h
Wake-up pattern 5 mask bits 63:32
0058h
Wake-up pattern 5 mask bits 95:64
005ch
Wake-up pattern 5 mask bits 127:96
0060h
CRC16 of pattern 5
Reserved
Wake-up pattern 5 offset
1. Offset value is from 0-255 (8-bit width).
2. To load the whole wake-up frame-filtering information, consecutive 25 long words write operation to
CSR14 should be done.
CSR15 (offset = 78h), WTMR - Watchdog timer
Bit #
Name
Descriptions
Default Val
RW
Type
31~29
Reserved
28
MRXCK
MII Rx clock reverse
1: reverse (for NS HomePHY 1M only)
0: NOT reverse
0 from
EEPROM
R
27~6
Reserved
R
5
RWR
Receive Watchdog Release, the time of release
0
R/W
ADMtek Inc.
www.admtek.com.tw
Rev. 1.8
38



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com