Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN983 Datasheet(PDF) 17 Page - List of Unclassifed Manufacturers

Part # AN983
Description  PCI/miniPCI-to-Ethernet LAN Controller
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

AN983 Datasheet(HTML) 17 Page - List of Unclassifed Manufacturers

Back Button AN983 Datasheet HTML 13Page - List of Unclassifed Manufacturers AN983 Datasheet HTML 14Page - List of Unclassifed Manufacturers AN983 Datasheet HTML 15Page - List of Unclassifed Manufacturers AN983 Datasheet HTML 16Page - List of Unclassifed Manufacturers AN983 Datasheet HTML 17Page - List of Unclassifed Manufacturers AN983 Datasheet HTML 18Page - List of Unclassifed Manufacturers AN983 Datasheet HTML 19Page - List of Unclassifed Manufacturers AN983 Datasheet HTML 20Page - List of Unclassifed Manufacturers AN983 Datasheet HTML 21Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 91 page
background image
AN983B
PCI/miPCI Fast Ethernet Controller with integrated PHY
115
BrWE#
O
BootROM Write Enable for flash ROM application.
MII INTERFACE (PROGRAM AN983B AS MAC-ONLY MODE, SET
FCH [2:0] = 100B)
127
Mdc
O
MII Management Data Clock
126
Mtxen
O
MII Transmit Enable
109,110
112,113
MtxD0~3
O
MII Transmit Data
108
Mtxerr
O
MII Transmit Error
101
Mdio
I/O
MII Management Data I/O
120
Mrxdv
I
MII Receive Data Valid
100
Mcrs
I
MII Carrier Sense
116 ~
119
MrxD0~3
I
MII Receive Data
99
Mcol
I
MII Collision
98
Mrxerr
I
MII Receive Error
115
Rxclk
I
MII Receive Clock
114
Txclk
I
MII Transmit Clock
PHYSICAL INTERFACE
18, 17
XTLP, XTLN I
Crystal inputs. To be connected to a 25MHz crystal with 50ppm accuracy
6,7
RXIN, RXIP
I
The differentials receive inputs of 100BASE-TX or 10BASE-T, these pins
directly input from Magnetic.
20,21
TXOP, TXON O
The differential Transmit outputs of 100BASE-TX or 10BASE-T, these pins
directly output to Magnetic.
15
RIBB
I
Reference Bias Resistor. To be tied to an external 10.0K (1%) resistor which
should be connected to the analog ground at the other end.
9,10,11,
5
TST0, TST1
TST2, TST3
I
Test pin
12,13
NC
O
LED DISPLAY & MISCELLANEOUS
102
Led-Act
(Led-lnk/act)
O
4Leds mode: LED display for Activity status. This pin will be driven on with
10 Hz blinking frequency when either effective receiving or transmitting is
detected.
(3Led mode): LED display for link and activity status. This pin will be
driven on continually when a good Link test is detected. This pin will be
driven on with 10 Hz blinking frequency when either effective receiving or
transmitting is detected.
103
Led-10Lnk
(Led-fd/col)
O
4Leds mode: LED display for 10M b/s speed. This pin will be driven on
continually when the 10M b/s network operating speed is detected.
(3Leds mode): LED display for Full Duplex or Collision status. This pin will be
driven on continually when a full duplex configuration is detected. This pin
ADMtek Inc.
www.admtek.com.tw
Rev. 1.8
17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com