Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN983 Datasheet(PDF) 18 Page - List of Unclassifed Manufacturers

Part # AN983
Description  PCI/miniPCI-to-Ethernet LAN Controller
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

AN983 Datasheet(HTML) 18 Page - List of Unclassifed Manufacturers

Back Button AN983 Datasheet HTML 14Page - List of Unclassifed Manufacturers AN983 Datasheet HTML 15Page - List of Unclassifed Manufacturers AN983 Datasheet HTML 16Page - List of Unclassifed Manufacturers AN983 Datasheet HTML 17Page - List of Unclassifed Manufacturers AN983 Datasheet HTML 18Page - List of Unclassifed Manufacturers AN983 Datasheet HTML 19Page - List of Unclassifed Manufacturers AN983 Datasheet HTML 20Page - List of Unclassifed Manufacturers AN983 Datasheet HTML 21Page - List of Unclassifed Manufacturers AN983 Datasheet HTML 22Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 91 page
background image
AN983B
PCI/miPCI Fast Ethernet Controller with integrated PHY
will be driven on with 20 Hz blinking frequency when a collision status is
detected in the half duplex configuration.
104
Led-100Lnk
(Led-speed)
O
4Leds mode: LED display for 100Mb/s speed. This pin will be driven on
continually when the 100Mb/s network operating speed is detected.
(3Leds mode): LED display for 100M b/s or 10M b/s speed. This pin will be
driven on continually when the 100M b/s network operating speed is
detected.
105
Led-Fd /Col
O
4Leds mode: LED display for Full Duplex or Collision status. This pin will be
driven on continually when a full duplex configuration is detected. This pin
will be driven on with 20 Hz blinking frequency when a collision status is
detected in the half duplex configuration.
(3Leds mode): None
95
Vaux
I
When this pin is asserted, it indicates an auxiliary power source is supported
ACPI purpose, for detecting the auxiliary power source.
This pin should be or-wired connected to
1) 3.3V when 3.3Vaux support, or
2) 5V when 5Vaux support from 3-way switch.
96
Vcc-detect
I
When this pin is asserted, it indicates PCI power source is supported.
ACPI purpose, for detecting the main power is remained or not,
This pin should be connected to PCI bus power source +5V.
97
PMEP
O
This signal is used as the WOL pin. It provides a programmable positive or
negative pulse with approximately 50ms width.
DIGITAL POWER PINS
26,32,42,45,52,62,71,80,82,91,107,
Vss-pci, Vss-IR, Vss-3
23,28,37,48,55,58,67,74,77,87,111
Vdd-pci Vdd-IR, Vdd-3
Connect to 3.3V
ANALOG POWER PINS
4,16,22
VAAR, VAAREF, VAAT
3.3V
8,14,19
GNDR, GNDREF, GNDT
ADMtek Inc.
www.admtek.com.tw
Rev. 1.8
18



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com