Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN983 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # AN983
Description  PCI/miniPCI-to-Ethernet LAN Controller
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

AN983 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  AN983 Datasheet HTML 1Page - List of Unclassifed Manufacturers AN983 Datasheet HTML 2Page - List of Unclassifed Manufacturers AN983 Datasheet HTML 3Page - List of Unclassifed Manufacturers AN983 Datasheet HTML 4Page - List of Unclassifed Manufacturers AN983 Datasheet HTML 5Page - List of Unclassifed Manufacturers AN983 Datasheet HTML 6Page - List of Unclassifed Manufacturers AN983 Datasheet HTML 7Page - List of Unclassifed Manufacturers AN983 Datasheet HTML 8Page - List of Unclassifed Manufacturers AN983 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 91 page
background image
AN983B
PCI/miPCI Fast Ethernet Controller with integrated PHY
CR13 (offset = 34h), CP - Capabilities Pointer. ............................................... 25
CR15 (offset = 3ch), CI - Configuration Interrupt............................................ 25
CR16 (offset = 40h), DS - Driver Space for special purpose. .......................... 25
CR32 (offset = 80h), SIG - Signature of AN983B ........................................... 25
CR48 (offset = c0h), PMR0, Power Management Register0............................ 26
CR49 (offset = c4h), PMR1, Power Management Register 1........................... 26
7.2. PCI Control/Status registers.............................................................................. 28
7.2.1.
PCI Control/Status registers list........................................................... 28
7.2.2. Control/Status register description.......................................................... 29
CSR0 (offset = 00h), PAR - PCI Access Register ............................................ 29
CSR1 (offset = 08h), TDR - Transmit demand register.................................... 30
CSR2 (offset = 10h), RDR - Receive demand register..................................... 30
CSR3 (offset = 18h), RDB - Receive descriptor base address ......................... 30
CSR5 (offset = 28h), SR - Status register ......................................................... 30
CSR6 (offset = 30h), NAR - Network access register ...................................... 32
CSR7 (offset = 38h), IER - Interrupt Enable Register...................................... 34
CSR8 (offset = 40h), LPC - Lost packet counter.............................................. 35
CSR9 (offset = 48h), SPR - Serial port register................................................ 35
CSR11 (offset = 58h), TMR -General-purpose Timer...................................... 36
CSR13 (offset = 68h), WCSR –Wake-up Control/Status Register................... 36
CSR14 (offset = 70h), WPDR –Wake-up Pattern Data Register...................... 37
CSR15 (offset = 78h), WTMR - Watchdog timer ............................................ 38
CSR16 (offset = 80h), ACSR5 - Assistant CSR5 (Status register 2)................ 39
CSR17 (offset = 84h), ACSR7- Assistant CSR7 (Interrupt enable register 2). 40
CSR18 (offset = 88h), CR - Command Register, bit31 to bit16....................... 40
CSR19 (offset = 8ch) - PCIC, PCI bus performance counter ........................... 42
CSR20 (offset = 90h) - PMCSR, Power Management Command and Status .. 42
CSR21 (offset = 94h) - WTDP, The current working transmit descriptor pointer
........................................................................................................................... 43
CSR22 (offset = 98h) - WRDP, The current working receive descriptor pointer
........................................................................................................................... 43
CSR23 (offset = 9ch) - TXBR, transmit burst count / time-out........................ 43
CSR24 (offset = a0h) - FROM, Flash ROM (also the boot ROM) port ........... 44
CSR25 (offset = a4h) - PAR0, physical address register 0............................... 44
ADMtek Inc.
www.admtek.com.tw
Rev. 1.8
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com