Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN983 Datasheet(PDF) 22 Page - List of Unclassifed Manufacturers

Part # AN983
Description  PCI/miniPCI-to-Ethernet LAN Controller
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

AN983 Datasheet(HTML) 22 Page - List of Unclassifed Manufacturers

Back Button AN983 Datasheet HTML 18Page - List of Unclassifed Manufacturers AN983 Datasheet HTML 19Page - List of Unclassifed Manufacturers AN983 Datasheet HTML 20Page - List of Unclassifed Manufacturers AN983 Datasheet HTML 21Page - List of Unclassifed Manufacturers AN983 Datasheet HTML 22Page - List of Unclassifed Manufacturers AN983 Datasheet HTML 23Page - List of Unclassifed Manufacturers AN983 Datasheet HTML 24Page - List of Unclassifed Manufacturers AN983 Datasheet HTML 25Page - List of Unclassifed Manufacturers AN983 Datasheet HTML 26Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 91 page
background image
AN983B
PCI/miPCI Fast Ethernet Controller with integrated PHY
7.1.3 AN983B CONFIGURATION REGISTERS DESCRIPTIONS
CR0 (offset = 00h), LID - Loaded Identification number of Device and Vendor
Bit #
Name
Descriptions
Default Val RW Type
31~16
LDID
Loaded Device ID, the device ID number loaded from serial
EEPROM.
From
EEPROM
R/O
15~0
LVID
Loaded Vendor ID, the vendor ID number loaded from serial
EEPROM.
From
EEPROM
R/O
From EEPROM: Loaded from EEPROM
CR1 (offset = 04h), CSC - Configuration command and status
Bit #
Name
Descriptions
Default Val RW Type
31
SPE
Status of Parity Error.
1: means that AN983B detected a parity error. This bit will
be set in this condition, even if the parity error response (bit
6 of CR1) is disabled.
0
R/W
30
SES
Status of System Error.
1: means that AN983B asserted the system error pin.
0
R/W
29
SMA
Status of Master Abort.
1: means that AN983B received a master abort and
terminated a master transaction.
0
R/W
28
STA
Status of Target Abort.
1: means that AN983B received a target abort and
terminated a master transaction.
0
R/W
27
---
Reserved.
26, 25
SDST
Status of Device Select Timing. The timing of the assertion of
device select.
01: means a medium assertion of DEVSEL#
01
R/O
24
SDPR
Status of Data Parity Report.
1: when three conditions are met:
AN983B asserted parity error - PERR# or it detected parity
error asserted by other device.
AN983B is operating as a bus master.
AN983B’s parity error response bit (bit 6 of CR1) is enabled.
0
R/W
23
SFBB
Status of Fast Back-to-Back
Always 1, since AN983B has the ability to accept fast
back-to-back transactions.
1
R/O
22~21
---
Reserved.
20
NC
New Capabilities. This bit indicates that whether the AN983B
provides a list of extended capabilities, such as PCI power
management.
Same as
bit 19 of
CSR18
RO
ADMtek Inc.
www.admtek.com.tw
Rev. 1.8
22



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com