Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN983 Datasheet(PDF) 83 Page - List of Unclassifed Manufacturers

Part # AN983
Description  PCI/miniPCI-to-Ethernet LAN Controller
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

AN983 Datasheet(HTML) 83 Page - List of Unclassifed Manufacturers

Back Button AN983 Datasheet HTML 79Page - List of Unclassifed Manufacturers AN983 Datasheet HTML 80Page - List of Unclassifed Manufacturers AN983 Datasheet HTML 81Page - List of Unclassifed Manufacturers AN983 Datasheet HTML 82Page - List of Unclassifed Manufacturers AN983 Datasheet HTML 83Page - List of Unclassifed Manufacturers AN983 Datasheet HTML 84Page - List of Unclassifed Manufacturers AN983 Datasheet HTML 85Page - List of Unclassifed Manufacturers AN983 Datasheet HTML 86Page - List of Unclassifed Manufacturers AN983 Datasheet HTML 87Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 91 page
background image
AN983B
PCI/miPCI Fast Ethernet Controller with integrated PHY
ADDRESS
Trc
CS#
Tce
OE#
Toe
Toh
DATA
Fig -
19
Flash read timings
EEPROM Interface Timings (AC/AD)
Parameter
Description
Condition
Min
Typical
Max
Units
Tscf
Serial Clock Frequency
2.7V<Vcc<5.5V
0.4M/
0.1M
Hz
Tecss
Delay from CS High to SK High 2.7V<Vcc<5.5V
160/640
ns
Tecsh
Delay from SK Low to CS Low 2.7V<Vcc<5.5V
1120
/4480
ns
Tedts
Setup Time of DI to SK
2.7V<Vcc<5.5V
160/640
ns
Tedth
Hold Time of DI after SK
2.7V<Vcc<5.5V
2320
/9280
ns
Tecsl
CS Low Time
2.7V<Vcc<5.5V
7400/
29600
ns
ADMtek Inc.
www.admtek.com.tw
Rev. 1.8
83



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com