Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN983 Datasheet(PDF) 35 Page - List of Unclassifed Manufacturers

Part # AN983
Description  PCI/miniPCI-to-Ethernet LAN Controller
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

AN983 Datasheet(HTML) 35 Page - List of Unclassifed Manufacturers

Back Button AN983 Datasheet HTML 31Page - List of Unclassifed Manufacturers AN983 Datasheet HTML 32Page - List of Unclassifed Manufacturers AN983 Datasheet HTML 33Page - List of Unclassifed Manufacturers AN983 Datasheet HTML 34Page - List of Unclassifed Manufacturers AN983 Datasheet HTML 35Page - List of Unclassifed Manufacturers AN983 Datasheet HTML 36Page - List of Unclassifed Manufacturers AN983 Datasheet HTML 37Page - List of Unclassifed Manufacturers AN983 Datasheet HTML 38Page - List of Unclassifed Manufacturers AN983 Datasheet HTML 39Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 91 page
background image
AN983B
PCI/miPCI Fast Ethernet Controller with integrated PHY
1: combine this bit and bit 16 of CSR7 to enable
receive completed interrupt.
5
TUIE
Transmit Under-flow Interrupt Enable
1: combine this bit and bit 15 of CSR7 to enable
transmit under-flow interrupt.
0
R/W
4
---
Reserved
3
TJTTIE
Transmit Jabber Timer Time-out Interrupt Enable
1: combine this bit and bit 15 of CSR7 to enable
transmit jabber timer time-out interrupt.
0
R/W
2
TDUIE
Transmit Descriptor Unavailable Interrupt Enable
1: combine this bit and bit 16 of CSR7 to enable
transmit descriptor unavailable interrupt.
0
R/W
1
TPSIE
Transmit Processor Stopped Interrupt Enable
1: combine this bit and bit 15 of CSR7 to enable
transmit processor stopped interrupt.
0
R/W
0
TCIE
Transmit Completed Interrupt Enable
1: combine this bit and bit 16 of CSR7 to enable
transmit completed interrupt.
0
R/W
CSR8 (offset = 40h), LPC - Lost packet counter
Bit #
Name
Descriptions
Default Val RW Type
31~17
---
Reserved
16
LPCO
Lost Packet Counter Overflow
1: while lost packet counter overflowed. Cleared after
read
0
RO/LH
15~0
LPC
Lost Packet Counter
Increment the counter while packet discarded since
there was no host receives descriptors available.
Cleared after read
0
RO/LH
CSR9 (offset = 48h), SPR - Serial port register
Bit #
Name
Descriptions
Default Val RW Type
31~20
---
Reserved
19
MDI
MII Management Data Input
Specified read data from the external PHY
0
R/W
18
MMC
MII Management Control
0: Write operation to the external PHY
1: Read operation from the external PHY
1
R/W
17
MDO
MII Management Data Output
Specified Write Data to the external PHY
0
R/W
16
MDC
MII Management Clock
1: MII Management Clock is a output reference clock to
the external PHY
0
R/W
ADMtek Inc.
www.admtek.com.tw
Rev. 1.8
35



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com