Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN983 Datasheet(PDF) 23 Page - List of Unclassifed Manufacturers

Part # AN983
Description  PCI/miniPCI-to-Ethernet LAN Controller
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

AN983 Datasheet(HTML) 23 Page - List of Unclassifed Manufacturers

Back Button AN983 Datasheet HTML 19Page - List of Unclassifed Manufacturers AN983 Datasheet HTML 20Page - List of Unclassifed Manufacturers AN983 Datasheet HTML 21Page - List of Unclassifed Manufacturers AN983 Datasheet HTML 22Page - List of Unclassifed Manufacturers AN983 Datasheet HTML 23Page - List of Unclassifed Manufacturers AN983 Datasheet HTML 24Page - List of Unclassifed Manufacturers AN983 Datasheet HTML 25Page - List of Unclassifed Manufacturers AN983 Datasheet HTML 26Page - List of Unclassifed Manufacturers AN983 Datasheet HTML 27Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 91 page
background image
AN983B
PCI/miPCI Fast Ethernet Controller with integrated PHY
1: the AN983B provides the PCI management function
0: the AN983B doesn’t provide New Capabilities.
19~ 9
---
Reserved.
8
CSE
Command of System Error Response
1: enable system error response. AN983B will assert SERR#
When it find a parity error on the address phase.
0
R/W
7
---
Reserved.
6
CPE
Command of Parity Error Response
0: disable parity error response. AN983B will ignore any
detected parity error and keep on its operating. Default
value is 0.
1: enable parity error response. AN983B will assert system
error (bit 13 of CSR5) when a parity error is detected.
0
R/W
5~ 3
---
Reserved.
2
CMO
Command of Master Operation Ability
0: disable the bus master ability.
1: enable the PCI bus master ability. Default value is 1 for
normal operation.
0
R/W
1
CMSA
Command of Memory Space Access
0: disable the memory space access ability.
1: enable the memory space access ability.
0
R/W
0
CIOSA
Command of I/O Space Access
1: enable the I/O space access ability.
0: disable the I/O space access ability.
0
R/W
R/W: Read and Write able. RO: Read able only.
CR2 (offset = 08h), CC - Class Code and Revision Number
Bit #
Name
Descriptions
Default Val RW Type
31~24
BCC
Base Class Code. It means AN983B is network controller.
02h
RO
23~16
SC
Subclass Code. It means AN983B is a Fast Ethernet
Controller.
00h
RO
15~ 8
---
Reserved.
7 ~ 4
RN
Revision Number identifies the revision number of AN983B.
01h
RO
3 ~ 0
SN
Step Number, identifies the AN983B steps within the current
revision.
01h
RO
RO: Read Only.
CR3 (offset = 0ch), LT - Latency Timer
Bit #
Name
Descriptions
Default Val RW Type
31~16
---
Reserved.
15~ 8
LT
Latency Timer. This value specifies the latency timer of the
AN983B in units of PCI bus clock. Once the AN983B asserts
FRAME#, the latency timer starts to count. If the latency
0
R/W
ADMtek Inc.
www.admtek.com.tw
Rev. 1.8
23



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com