Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MT9072AB Datasheet(PDF) 157 Page - Zarlink Semiconductor Inc

Part # MT9072AB
Description  Octal T1/E1/J1 Framer
PDF  275 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZARLINK [Zarlink Semiconductor Inc]
Direct Link  http://www.zarlink.com
Logo ZARLINK - Zarlink Semiconductor Inc

MT9072AB Datasheet(HTML) 157 Page - Zarlink Semiconductor Inc

Back Button MT9072AB Datasheet HTML 153Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 154Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 155Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 156Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 157Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 158Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 159Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 160Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 161Page - Zarlink Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 157 / 275 page
background image
MT9072
Data Sheet
157
Zarlink Semiconductor Inc.
2F4EVS
(0)
Framer 4 Elastic Vector Status. This bit if unmasked is set if any of the bits in the Interrupt
Receive Elasitc store register(436) or Elastic store status for Framer 4 are set. This bit can be
masked and will remain low by the F4EM bit in address 903.
1F4RVS
(0)
Framer 4 Rx Line Vector Status. This bit if unmasked is set if any of the bits in the Interrupt
Receive Line status register(435) for Framer 4 are set. This bit can be masked and will remain low
by the F4RM bit in address 903.
0F4SVS
(0)
Framer 4 Sync Vector Status. This bit if unmasked is set if any of the bits in the Interrupt Sync
status register(434) Framer 4 are set. This bit can be masked and will remain low by the F4SM bit
in address 903.
Bit
Name
Functional Description
15-3
ID15-3
ID Number. Contains 0100000001011.
2-0
ID2-0
(000)
These 3 bits make up a binary code which identify the revision of this device.
Table 126 - Identification Revision Code Data Register (Address 912) (T1)
Bit
Name
Functional Description
15-1
#
not used.
0STIS
(0)
ST-BUS Analyser Interrupt Status. This bit is set if the ST-BUS Analyser is filled up.
Table 127 - ST-BUS Analyzer Vector Status Register (Address 913) (T1)
Bit
Name
Functional Description
15-8
#
not used.
7-0
STAD
(7-0)
(0)
ST-BUS Analyser Data. This is the data for the ST-BUS analyser buffer. 920 is the first byte of the
data that is being "analyzed". The source of the data can be any ST-Bus stream from any Framer.
Table 128 - ST-BUS Analyser Data(Address 920-93F) (T1)
Bit
Name
Functional Description
Table 125 - Interrupt Vector 2 Status Register (Address 911) (T1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com