Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MT9072AB Datasheet(PDF) 154 Page - Zarlink Semiconductor Inc

Part # MT9072AB
Description  Octal T1/E1/J1 Framer
PDF  275 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZARLINK [Zarlink Semiconductor Inc]
Direct Link  http://www.zarlink.com
Logo ZARLINK - Zarlink Semiconductor Inc

MT9072AB Datasheet(HTML) 154 Page - Zarlink Semiconductor Inc

Back Button MT9072AB Datasheet HTML 150Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 151Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 152Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 153Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 154Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 155Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 156Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 157Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 158Page - Zarlink Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 154 / 275 page
background image
MT9072
Data Sheet
154
Zarlink Semiconductor Inc.
Bit
Name
Functional Description
15
SLBK8
(0)
ST-BUS Loopback 8M All. If one, DSTo[0] is connected to DSTi[4], and DSTo[4] is connected to
DSTi[0]. This can be used in 8.192 Mbit/s or 2.048 Mbit/s mode. See Loopbacks section.
14
SLBK67
(0)
ST-BUS Loopback Framer 6 & 7. If one, DSTo[6] is connected to DSTi[7], and DSTo[7] is
connected to DSTi[6]. Used only in 2.048 Mb/s mode. See Loopback section for details.
13
SLBK45
(0)
ST-BUS Loopback Framer 4 & 5. If one, DSTo[4] is connected to DSTi[5], and DSTo[5] is
connected to DSTi[4]. Used only in 2.048 Mb/s mode. See Loopbacks section.
12
SLBK23
(0)
ST-BUS Loopback Framer 2 & 3. If one, DSTo[2] is connected to DSTi[3], and DSTo[3] is
connected to DSTi[2]. Used only in 2.048 Mb/s mode. See Loopbacks section.
11
SLBK01
(0)
ST-BUS Loopback Framer 0 & 1. If one, DSTo[0] is connected to DSTi[1], and DSTo[1] is
connected to DSTi[0]. Used only in 2.048 Mb/s mode. See Loopbacks section.
10
RLBK8
(0)
Remote Loopback 8 Framers. If one, TPOS[0]/TNEG[0] are connected to RPOS[4]/RNEG[4],
and TPOS[4]/TNEG[4] are connected to RPOS[0]/RNEG[0]. This is used especially for
8.192 Mbit/s mode but may also be used in 2.048 Mbit/s mode. See Loopbacks section.
9
RLBK67
(0)
Remote Loopback Framer 6 & 7. If one, TPOS[6]/TNEG[6] are connected to
RPOS[7]/RNEG[7], and TPOS[7]/TNEG[7] are connected to RPOS[6]/RNEG[6]. Used only in
2.048 Mb/s mode. See Loopbacks section.
8
RLBK45
(0)
Remote Loopback Framer 4 & 5. If one, TPOS[4]/TNEG[4] are connected to
RPOS[5]/RNEG[5], and TPOS[5]/TNEG[5] are connected to RPOS[4]/RNEG[4]. Used only in
2.048 Mb/s mode. See Loopbacks section.
7
RLBK23
(0)
Remote Loopback Framer 2 & 3. If one, TPOS[2]/TNEG[2] are connected to
RPOS[3]/RNEG[3], and TPOS[3]/TNEG[3] are connected to RPOS[2]/RNEG[2]. Used only in
2.048 Mb/s mode. See Loopbacks section.
6
RLBK01
(0)
Remote Loopback Framer 0 & 1. If one, TPOS[0]/TNEG[0] are connected to
RPOS[1]/RNEG[1], and TPOS[1]/TNEG[1] are connected to RPOS[0]/RNEG[0]. Used only in
2.048 Mb/s mode. See Loopbacks section.
5-0
#
not used
Table 123 - Framer Loopback Global Register(904) (T1)
Bit
Name
Functional Description
15
F3HVS
(0)
Framer 3 HDLC Vector Status. This bit if unmasked is set if any of the bits in the Interrupt HDLC
register(333) for framer are set. This bit can be masked and will remain low by the F3HM bit in
address 902.
14
F3EVS
(0)
Framer 3 Elastic Vector Status. This bit if unmasked is set if any of the bits in the Interrupt
Receive Elasitc store register(336) or Elastic store status for Framer 3 are set. This bit can be
masked and will remain low by the F3EM bit in address 902.
13
F3RVS
(0)
Framer 3 Rx Line Vector Status. This bit if unmasked is set if any of the bits in the Interrupt
Receive Line status register(335) for Framer 0 are set. This bit can be masked and will remain
low by the F3RM bit in address 902.
Table 124 - Interrupt Vector 1 Status Register (Address 910) (T1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com