Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MT9072AB Datasheet(PDF) 150 Page - Zarlink Semiconductor Inc

Part # MT9072AB
Description  Octal T1/E1/J1 Framer
PDF  275 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZARLINK [Zarlink Semiconductor Inc]
Direct Link  http://www.zarlink.com
Logo ZARLINK - Zarlink Semiconductor Inc

MT9072AB Datasheet(HTML) 150 Page - Zarlink Semiconductor Inc

Back Button MT9072AB Datasheet HTML 146Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 147Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 148Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 149Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 150Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 151Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 152Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 153Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 154Page - Zarlink Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 150 / 275 page
background image
MT9072
Data Sheet
150
Zarlink Semiconductor Inc.
Bit
Name
Functional Description
15-11
CHANNUM
(00000)
Channel Number.These 5 bits determine the channel that is used for updating of the
ST-Bus Analyzer buffer.
10-8
#
not used.
7-6
STRNUM
(00000)
Stream Number. These 5 bits determine the streams that will be used as the source data
for the ST-Bus Analyzer buffer.
00: DSTi
01: DSTo
10: CSTi
11: CSTo
5STBUFEN
(0)
ST-BUS Analyser Buffer Enable. Setting this bit enables the ST-BUS Analyser Buffer
update. When the user reads the buffer (920-93F), this bit must be 0. Any reads of the
buffer while this bit is set does not ensure correct data being read.
4-2
FNUM
(2:0)
(000)
Framer Number 0 to 7
1
CHUP
(0)
Channel Update. If 0 the update of the memory is at frame rate for a given channel. The
channel selected for update is provided by the ChanNum bits of this register. If set the
complete frame (channels 0 to 32) are updated to the buffer.
0CONTSIN
(0)
Continuous Single. If set to 1 the ST-BUS Analyzer buffer is updated continuously. If set
to zero the buffer is updated once and stopped. An optional interrupt can be generated
once the buffer is full1.
1. The ST-BUS Analyser can be used in continuous acquisition mode without any problem (Register 901, bit 0 is set). If the
ST-BUS analyser is used in the single mode (Register 901, bit 0 is cleared) an interrupt generated cannot be cleared and
the MT9072 has to be reset.
Table 120 - Global Control1 Register (R/W Address 901) (T1)
Bit
Name
Functional Description
15
F3HM
(0)
Framer 3 HDLC Mask. This is the mask bit for the F3HVS status bit in the Interrupt Vector
Register(address 910). If this mask bit is one, the corresponding Interrupt Vector status bit will
remain inactive (zero). If this mask bit is zero, the corresponding Interrupt Vector status bit will
function normally.
14
F3EM
(0)
Framer 3 Elastic Mask. This is the mask bit for the F3EVS status bit in the Interrupt Vector
Register (address 910). If this mask bit is one, the corresponding Interrupt Vector status bit will
remain inactive (zero). If this mask bit is zero, the corresponding Interrupt Vector status bit will
function normally.
13
F3RM
(0)
Framer 3 Rx Line Mask. This is the mask bit for the F3RVS status bit in the Interrupt Vector
Register (address 910). If this mask bit is one, the corresponding Interrupt Vector status bit will
remain inactive (zero). If this mask bit is zero, the corresponding Interrupt Vector status bit will
function normally.
Table 121 - Interrupt Vector 1 Mask Register (Address 902) (T1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com