Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MT9072AB Datasheet(PDF) 148 Page - Zarlink Semiconductor Inc

Part # MT9072AB
Description  Octal T1/E1/J1 Framer
PDF  275 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZARLINK [Zarlink Semiconductor Inc]
Direct Link  http://www.zarlink.com
Logo ZARLINK - Zarlink Semiconductor Inc

MT9072AB Datasheet(HTML) 148 Page - Zarlink Semiconductor Inc

Back Button MT9072AB Datasheet HTML 144Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 145Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 146Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 147Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 148Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 149Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 150Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 151Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 152Page - Zarlink Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 148 / 275 page
background image
MT9072
Data Sheet
148
Zarlink Semiconductor Inc.
Bit
Name
Functional Description
15-9
ADM26
-
ADM20
(0000000)
Address Mask 26 to Address Mask 20. A seven bit mask used to interrogate the second
byte of the received address. Adr26 is the MSB. This mask is ignored (as well as first byte
mask) if all call address (1111111) is received.
8A2EN
(0)
Address 2 Enable. When this bit is high, this seven bit mask is used in address
comparison of the second address byte. If address recognition is enabled, any packet
failing the address comparison will not be stored in the RX FIFO. A2en must be high for
All-call address recognition. When this bit is low, this bit mask is ignored in address
comparison
7 - 2
ADRM16
-
ADRM11
(000000)
Address Mask 16 to Address Mask 11.A six bit mask used to interrogate the first byte of
the received address. AdrM16 is MSB.
1
ADRM10
(0)
Address 10 Mask.This bit is used in address comparison if a seven bit address is being
checked for (YF2 bit ’Seven’ is set).
0A1EN
(0)
Address 1 Enable.When this bit is high, this six (or seven) bit mask is used in address
comparison of the first address byte.
If address recognition is enabled, any packet failing the address comparison will not be
stored in the RX FIFO. A1en must be high for All-call (1111111) address recognition for
single byte address. When this bit is low, this bit mask is ignored in address comparison.
Table 115 - Address Recognition Register(YF4) (T1)
Bit
Name
Functional Description
15-8
#
not used.
7 - 0
BIT7-0
(00000000)
This eight bit word is tagged with the two status bits from control register 1 (EOP and FA),
and the resulting 10 bit word is written to the TX FIFO. The FIFO status is not changed
immediately after a write or read occurs. It is updated after the data has settled and the
transfer to the last available position has finished. Note that when the HDLC is connected
to a T1 channel, the least significant bit in the FIFO
is sent first.
Table 116 - TX Fifo Write Register(YF5) (T1)
Bit
Name
Functional Description
15-8
#
not used.
7-0
CNT7-0
(00000000)
The Transmit Byte Count Register indicating the length of the data portion of the packet
about to be transmitted. This is the size of the data and not the address, flags or FCS. The
Transmit Byte Counter position Y1C determines the number of bytes that have been sent
from the Transmit FIFO.
Table 117 - TX Byte Count Register(YF6) (T1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com