Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MT9072AB Datasheet(PDF) 145 Page - Zarlink Semiconductor Inc

Part # MT9072AB
Description  Octal T1/E1/J1 Framer
PDF  275 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZARLINK [Zarlink Semiconductor Inc]
Direct Link  http://www.zarlink.com
Logo ZARLINK - Zarlink Semiconductor Inc

MT9072AB Datasheet(HTML) 145 Page - Zarlink Semiconductor Inc

Back Button MT9072AB Datasheet HTML 141Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 142Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 143Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 144Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 145Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 146Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 147Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 148Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 149Page - Zarlink Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 145 / 275 page
background image
MT9072
Data Sheet
145
Zarlink Semiconductor Inc.
Bit
Name
Functional Description
15-11
#
not used.
10
Tx8KEN
(0)
Transmit 8 KHz Enable. If one, the pin RxMF transmits a positive 8 KHz frame pulse
synchronous with the serial data stream TPOS/TNEG. If zero, the pin RxMF transmits a
negative frame pulse synchronous with the multiframe boundary of data coming out of DSTo.
9RxDO
(0)
Receive DSTo All Ones. If one, the DSTo pin operates normally. If zero, all timeslots (0-31)
of DSTo are set to one.
8
TXMFSEL
(0)
Transmit Multiframe Select. This bit is used to select if the framer is used for application of
the TXMF pulse which sets the multiframe boundary for the T1 transmitters. A one will select
the framer for application of TXMF.
7
SPND
(0)
Suspend Interrupts. If zero, the IRQ output will be in a high-impedance state and all
interrupts will be ignored. If one, the IRQ output will function normally.
6INTA
(0)
Interrupt Acknowledge. All interrupt and latched status registers for a particular framer
may be cleared (without reading the interrupt status registers) by setting the INTA control bit
to zero. Interrupt status registers for a particular framer will be cleared (and not updated) as
long as INTA is low. The framers interrupt vector bits will remain at zero, therefore that
framer cannot toggle the IRQ pin.
5DSToEN
(0)
DSTo Enable. If zero, pin DSTo is tristate. If set, pin DSTo is enabled.
4CSToEN
(0)
CSTo Enable. If zero, pin CSTo is tristate. If set, pin CSTo is enabled.
3RxCO
(0)
Receive CSTo All Ones.If one, the CSTo pin operates normally. If zero all timeslots of CSTo
are set to one
2
CNTCLR
(0)
Counter Clear. When this bit is changed from zero to one, all non-latched status counters
(address Y15 to Y1A) are cleared. If zero, all non-latched status counters operate normally.
1
SAMPLE
(0)
One Second Sample. Setting this bit causes the latched error counters(Y28 to Y2C)
(change of frame alignment, loss of frame alignment, bpv errors, crc errors, severely errored
frame events and multiframes out of sync) to be updated on one second intervals coincident
with the one second timer (Y11).
0RST
(0)
Reset. When this bit is changed from zero to one, the selected framer (Y) will reset to its
default mode. The default mode will depend on the T1E0 bit(Global control0 bit 15). Any
write to his bit should be followed by 125 usec before initialization of per timeslot control etc.
See the Reset Operation section for the default settings.
Table 112 - Interrupt and I/O Control(YF1) (T1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com