Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MT9072AB Datasheet(PDF) 141 Page - Zarlink Semiconductor Inc

Part # MT9072AB
Description  Octal T1/E1/J1 Framer
PDF  275 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZARLINK [Zarlink Semiconductor Inc]
Direct Link  http://www.zarlink.com
Logo ZARLINK - Zarlink Semiconductor Inc

MT9072AB Datasheet(HTML) 141 Page - Zarlink Semiconductor Inc

Back Button MT9072AB Datasheet HTML 137Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 138Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 139Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 140Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 141Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 142Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 143Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 144Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 145Page - Zarlink Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 141 / 275 page
background image
MT9072
Data Sheet
141
Zarlink Semiconductor Inc.
Bit
Name
Functional Description
15
D4YALMIM
(0)
D4 Yellow Interrupt Mask. When unmasked this interrupt bit goes high whenever the D4
Yellow alarm code has been received. If 1 - masked, 0 - unmasked.
14
D4Y48IM
(0)
D4 Y48 Interrupt Mask. When unmasked this interrupt bit goes high whenever the D4
Yellow alarm code has been received for 48 msec. If 1 - masked, 0 - unmasked.
13
SECYELIM
(0)
Secondary Yellow Interrupt Mask. When unmasked this interrupt bit goes high
whenever a Secondary Yellow alarm is received. If 1 - masked, 0 - unmasked.
12
ESFYELIM
(0)
ESF Yellow Interrupt Mask. When unmasked this interrupt bit goes high whenever a
ESF Yellow alarm is received. If 1 - masked, 0 - unmasked.
11
T1DMYIM
(0)
T1DM Yellow Interrupt Mask. When unmasked this interrupt bit goes high whenever a
TIDM Yellow alarm is received. If 1 - masked, 0 - unmasked.
10
#
not used
9
BPVIM
(0)
Bipolar Violation Interrupt Mask. When unmasked this interrupt bit goes high whenever
a bipolar violation (excluding B8ZS encoding) is encountered. If 1 - masked, 0 -
unmasked.
8
PRBSIM
(0)
Pseudo Random Bit Sequence Error Interrupt Mask. When unmasked this interrupt bit
goes high upon detection of an error with a channel selected for PRBS testing. If 1 -
masked, 0 - unmasked.
7PDVIM
(0)
Pulse Density Violation Interrupt Mask. When unmasked this interrupt bit goes high
whenever a sequence of 16 consecutive zeros is received on the line, or the incoming
pulse density is less than N ones in a time frame of 8(N+1) where N = 1 to 23. If 1 -
masked, 0 - unmasked.
6LLEDIM
(0)
Loop Code Enable Detected Interrupt Mask. When unmasked this interrupt bit goes high
whenever the loop up code has been detected on the line for a period of 48 milliseconds.
If 1 - masked, 0 - unmasked.
5
LLDDIM
(0)
Loop Code Disable Detected Interrupt Mask. When unmasked this interrupt bit goes
high whenever the loop down code has been detected on the line for a period of 48
milliseconds. If 1 - masked, 0 - unmasked.
Table 107 - Receive Line and Timer Interrupt Mask Register(Y45) (T1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com