Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MT9072AB Datasheet(PDF) 137 Page - Zarlink Semiconductor Inc

Part # MT9072AB
Description  Octal T1/E1/J1 Framer
PDF  275 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZARLINK [Zarlink Semiconductor Inc]
Direct Link  http://www.zarlink.com
Logo ZARLINK - Zarlink Semiconductor Inc

MT9072AB Datasheet(HTML) 137 Page - Zarlink Semiconductor Inc

Back Button MT9072AB Datasheet HTML 133Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 134Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 135Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 136Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 137Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 138Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 139Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 140Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 141Page - Zarlink Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 137 / 275 page
background image
MT9072
Data Sheet
137
Zarlink Semiconductor Inc.
Bit
Name
Functional Description
15-8
OOFL<7:0> Out of Frame Alignment Count Latch. These bits make up a latch which samples the
current value of the Change of Frame Alignment Counter (address Y1A) on the rising
edge of the internal one second timer. This latch is cleared with a RESET (RESET pin or
RST bit).
7-0
COFAL<7:0> Change of Frame Alignment Count Latch. These bits make up a latch which samples
the current value of the Change of Frame Alignment Counter (address Y1A) on the rising
edge of the internal one second timer. This latch is cleared with a RESET (RESET pin or
RST bit).
Table 102 - Out of Frame Count and Change of Frame Count Latch(Y2B) (T1)
Bit
Name
Functional Description
15-0
MFOOFL<15:0> Multiframe OOF Count Latch. These bits make up a latch which samples the current
value of the MFOOF Error Counter (address Y16) on the rising edge of the internal
one second timer. This latch is cleared with a RESET (RESET pin or RST bit).
Table 103 - Multiframe Out of Frame Count Latch(Y2C) (T1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com