Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MT9072AB Datasheet(PDF) 135 Page - Zarlink Semiconductor Inc

Part # MT9072AB
Description  Octal T1/E1/J1 Framer
PDF  275 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZARLINK [Zarlink Semiconductor Inc]
Direct Link  http://www.zarlink.com
Logo ZARLINK - Zarlink Semiconductor Inc

MT9072AB Datasheet(HTML) 135 Page - Zarlink Semiconductor Inc

Back Button MT9072AB Datasheet HTML 131Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 132Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 133Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 134Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 135Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 136Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 137Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 138Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 139Page - Zarlink Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 135 / 275 page
background image
MT9072
Data Sheet
135
Zarlink Semiconductor Inc.
Bit
Name
Functional Description
15
D4YALML
D4 Yellow Alarm Latch. This bit is set if a D4 yellow alarm is detected within a 600
millisecond integration period. This bit is cleared after a read of Y25 or Y35.
14
D4Y48L
D4 Yellow Alarm (48 milliseconds) Latch. This bit is set if a D4 yellow alarm is detected
within a 48 millisecond integration period. This bit is cleared after a read of Y25 or Y35.
13
SECYELL
Secondary D4 Yellow Alarm Latch. This bit is set if Secondary yellow alarm D4 (S bit in
12 th frame) is detected. It is cleared after a read.This bit is cleared after a read of Y25 or
Y35.
12
ESFYELL
ESF Yellow Alarm Latch. This bit is set upon receipt of a ESF yellow alarm. This bit is
cleared after a read of Y25 or Y35.
11
T1DMYL
T1DM Yellow Alarm Latched. If this bit is 1 a T1DM yellow alarm is received on bit 2 of
24th timeslot. This bit is cleared after a read of Y25 or Y35.
10
#
not used.
9
BPVL
Bipolar Violation Latch. This bit is set when a bipolar violation occurs. This bit is cleared
after a read of Y25 or Y35.
8
PRBSL
PRBS Latch. This bit is set when a PRBS error has occured.This bit is cleared after a
read of Y25 or Y35.
7PDVL
Pulse Density Violation Latch. This bit is set when the receive PDV is detected.This bit
is cleared after a read of Y25 or Y35.
6
LLEDL
Line Loopback Enable Detect Latch. This bit is set upon receipt of a line loopback
enable code. It is cleared after a read. This is a latched version of LLED(Y10).This bit is
cleared after a read of Y25 or Y35.
5
LLDDL
Line Loopback Disable Detect Latch. This bit is set upon receipt of a line loopback
disable code. It is cleared after a read. This is a latched version of LLDD(Y10).This bit is
cleared after a read of Y25 or Y35.
4
BOML
Bit Oriented Message Latch. This bit is set if a bit oriented message has been received.
It is cleared upon a read.This bit is cleared after a read of Y25 or Y35.
3
BOMML
Bit Oriented Message Match Latch. This bit is set if the bit oriented message received
matches the value of the Bit Oriented Match register.This bit is cleared after a read of Y25
or Y35.
2CASRL
Channel Associated signaling Received Latch. This bit is set if the received CAS has
changed on any of the 24 channels.This bit is cleared after a read of Y25 or Y35.
1
1SECL
1 Second Latch. This bit is set if the one second timer expires. This bit is cleared after a
read of Y25 or Y35.
0
2SECL
2 Second Latch. This bit is set if the two second timer expires. This bit is cleared after a
read of Y25 or Y35.
Table 97 - Receive Line Status and Timer Latch(Y25) (T1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com