Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MT9072AB Datasheet(PDF) 131 Page - Zarlink Semiconductor Inc

Part # MT9072AB
Description  Octal T1/E1/J1 Framer
PDF  275 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZARLINK [Zarlink Semiconductor Inc]
Direct Link  http://www.zarlink.com
Logo ZARLINK - Zarlink Semiconductor Inc

MT9072AB Datasheet(HTML) 131 Page - Zarlink Semiconductor Inc

Back Button MT9072AB Datasheet HTML 127Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 128Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 129Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 130Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 131Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 132Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 133Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 134Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 135Page - Zarlink Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 131 / 275 page
background image
MT9072
Data Sheet
131
Zarlink Semiconductor Inc.
Bit
Name
Functional Description
15-12
#
not used.
11
RXclk
This bit represents the receiver clock generated after the RXEN control bit, but before
zero deletion is considered.
10
TXclk
This bit represents the transmit clock generated after the TXEN control bit, but before zero
insertion is considered.
9
Vcrc
This is the CRC recognition status bit for the receiver. Data is clocked into the register and
then this bit is monitored to see if comparison was successful (bit will be high).
8
Vaddr
This is the address recognition status bit for the receiver. Data is clocked into the Address
Recognition Register and then this bit is monitored to see if comparison was successful
(bit will be high).
7-0
TBP7-0
Transmit Byte Counter Position. These 7 bits provide the position of the Transmit HDLC
Byte Counter register (YF6). The counter is decremented as a byte of data is sent through
the Transmit FIFO.
When this register reaches the count of one, the next write to the Tx FIFO will be tagged
as an end of packet byte. The counter decrements at the end of the write to the Tx FIFO.
If the Cycle bit of YF2 is set high, the counter will cycle through the programmed value
continuously.
Table 91 - Transmit Byte Counter Position and HDLC Test Status(Y1C) (T1)
Bit
Name
Functional Description
15-7
#
not used.
6IDC
Idle Channel State.Is set to a 1 when an idle Channel state (15 or more ones) has been
detected at the receiver. This is an asynchronous event. On power reset, this may be 1 if
the clock (RXC) was not operating. Status becomes valid after the first 15 bits or the first
zero is received.
5-4
RQ9-8
RQ9-8Byte Status bits from RX FIFO. These bits determine the status of the byte to be
read from RX FIFO as follows:
00 Packet Byte
01 First Byte
10 Last byte of good packet
11 Last byte of bad packet
3-2
TXSTAT1-0 Transmit FiFO Status:
00 Transmit FIFO is full.
01 The number of bytes in the transmit FIFO has reached or exceeded the 16 bytes
threshold
10 Transmit FIFO is empty
11 The number of bytes in the TX FIFO is less than the 16 byte threshold.
1-0
RXSTAT1-0 Receive FiFO Status:
00 Receive FIFO is empty.
01 The number of bytes in the Receive FIFO are less than the 16 bytes
10 Receive FIFO is full
11 The number of bytes in the Receive FIFO is greater than or equal to the 16 byte
threshold.
Table 92 - HDLC Status Word(Y1D) (T1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com