Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MT9072AB Datasheet(PDF) 130 Page - Zarlink Semiconductor Inc

Part # MT9072AB
Description  Octal T1/E1/J1 Framer
PDF  275 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZARLINK [Zarlink Semiconductor Inc]
Direct Link  http://www.zarlink.com
Logo ZARLINK - Zarlink Semiconductor Inc

MT9072AB Datasheet(HTML) 130 Page - Zarlink Semiconductor Inc

Back Button MT9072AB Datasheet HTML 126Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 127Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 128Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 129Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 130Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 131Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 132Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 133Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 134Page - Zarlink Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 130 / 275 page
background image
MT9072
Data Sheet
130
Zarlink Semiconductor Inc.
Bit
Name
Functional Description
15-0
FC15 - 0
Framing Bit Error Counter. This 16 bit counter will be incremented for each error in the
received framing pattern. In ESF mode the ESF framing bits are monitored. In D4 mode the
counter reflects the combination of Ft and Fs errors. The count is only active if the Framer
is in synchronization.
Table 86 - Framing Bit Error Counter(Y17) (T1)
Bit
Name
Functional Description
15-0
BPV15-0
BPV Counter. 16 bit counter that is incremented for every bipolar violation error received.
Table 87 - Bipolar Violation Counter(Y18) (T1)
Bit
Name
Functional Description
15-0
CC15-0 CRC-6 Error Counter Bits 15 to Zero. These are the 16 bits of the CRC-6 error counter. This
is only relevant in the ESF Mode. This counter increments for every CRC-6 error.
Table 88 - CRC-6 Error Counter(Y19) (T1)
Bit
Name
Functional Description
15-8
OOF7 - 0 Out Of Frame Counter. This eight bit counter is incremented with every loss of receive
frame synchronization. Hence if you loss sync, gain sync and loss it again the counter will
have a value of 2.
7-0
COFA7 - 0 Change of Frame Alignment Counter. This eight bit counter is incremented if a
resynchronization is done which results in a shift in the frame alignment position.
Table 89 - Out of Frame and Change of Frame Counters(Y1A) (T1)
Bit
Name
Functional Description
15-8
#
not used.
7 - 0
EXZ7-0 Excessive Zero Counter. This counter is incremented once for detection of 8 or more zeros if
B8ZS is turned on. This counter is incremented once if 16 or more zeros are detected if B8ZS
is turned off. This counter counts groups of 8 or more or 16 or more zeros separated by ones.
Table 90 - Excessive Zero Counters(Y1B) (T1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com