Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MT9072AB Datasheet(PDF) 134 Page - Zarlink Semiconductor Inc

Part # MT9072AB
Description  Octal T1/E1/J1 Framer
PDF  275 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZARLINK [Zarlink Semiconductor Inc]
Direct Link  http://www.zarlink.com
Logo ZARLINK - Zarlink Semiconductor Inc

MT9072AB Datasheet(HTML) 134 Page - Zarlink Semiconductor Inc

Back Button MT9072AB Datasheet HTML 130Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 131Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 132Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 133Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 134Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 135Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 136Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 137Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 138Page - Zarlink Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 134 / 275 page
background image
MT9072
Data Sheet
134
Zarlink Semiconductor Inc.
Bit
Name
Functional Description
15
FEOL
Framing Bit Error Counter Overflow Latch. This bit is set when the framing bit
counter(Y17) overflows. This bit is cleared after a read of Y24 or Y34.
14
CRCOL
CRC-6 Error Counter Overflow Latch. This bit is set if the CRC6 error counter(Y19)
overflows. This bit is cleared after a read of Y24 or Y34.
13
OOFOL
Out Of Frame Counter Overflow Latch. This bit is set when the OOF counter(Y1A)
overflows. This bit is cleared after a read of Y24 or Y34.
12
COFAOL
Change of Frame Alignment Counter Overflow Latch. This bit is set when the change
of frame alignment counter (Y1A) overflows. This bit is cleared after a read of Y24 or Y34.
11
BPVOL
Bipolar Violation Counter Overflow Latch. This bit is set when the bipolar violation
counter(Y18) overflows.This bit is cleared after a read of Y24 or Y34.
10
PRBSOL
Pseudo Random Bit Sequence Error Counter Overflow Latch. This bit is set when the
PRBS error counter(Y15) overflows. This bit is cleared after a read of Y24 or Y34.
9
PRBSMFOL PRBS Multiframe Counter Overflow Latch. This bit is set when the PRBS multiframe
counter(Y15) overflows. This bit is cleared after a read of Y24 or Y34.
8
MFOOFOL Multiframe Out of Frame Counter Overflow Latch. This bit is set if the Multiframe Out of
Frame Counter(Y16) overflows. This bit is cleared after a read of Y24 or Y34.
7
TFSYNL
Terminal Out Of Sync Latch. This bit is set when the terminal frame out of sync condition
is acquired or lost. It is the latched version of the TFSYNC bit(Y10). This bit is cleared after
a read of Y24 or Y34.
6
MFSYNL
Multiframes Out Of Sync Latch. This bit is set when the multiframes out of sync condition
is acquired or lost. It is the latched version of the MFSYNC bit (Y10).This bit is cleared after
a read of Y24 or Y34.
5
FBEL
Framing Bit Error Latch. This bit is set when a framing bit error is detected. It is cleared
upon a read. It is the latched version of the Framing Bit Counter (Y17) event. This bit is
cleared after a read of Y24 or Y34.
4COFAL
Change of Frame Alignment Latch. This bit is set when the change of frame alignment
occurs. This is the latched version of the count event to change of frame counter (Y1A).
This bit is cleared after a read of Y24 or Y34.
3
SEFL
Severely Errored Frame Latch. This bit is set upon receipt of a line loopback disable
code. This is a latched version of Y10. This bit is cleared after a read of Y24 or Y34.
2AISL
AIS Latch. This bit is set upon receipt of an AIS. This is a latched version of AIS(Y10).This
bit is cleared after a read of Y24 or Y34.
1
CRCL
CRC Error Latched. This bit is set when the receive CRC error occurs. This bit is cleared
after a read of Y24 or Y34.
0LOSL
Digital Loss of Signal. This bit goes high after the detection of 192 or 32 consecutive
zeros. This is the latched version of LOS(Y10). This bit is cleared after a read of Y24 or
Y34.
Table 96 - Receive Sync and Alarm Latch(Y24) (T1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com