Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MT9072AB Datasheet(PDF) 133 Page - Zarlink Semiconductor Inc

Part # MT9072AB
Description  Octal T1/E1/J1 Framer
PDF  275 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZARLINK [Zarlink Semiconductor Inc]
Direct Link  http://www.zarlink.com
Logo ZARLINK - Zarlink Semiconductor Inc

MT9072AB Datasheet(HTML) 133 Page - Zarlink Semiconductor Inc

Back Button MT9072AB Datasheet HTML 129Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 130Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 131Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 132Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 133Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 134Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 135Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 136Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 137Page - Zarlink Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 133 / 275 page
background image
MT9072
Data Sheet
133
Zarlink Semiconductor Inc.
Bit
Name
Functional Description
15-9
#
not used.
8GAL
Go Ahead received Latch. Indicates a go-ahead pattern (01111111) was detected by the
HDLC receiver. This bit is cleared after a read of Y23 or Y33.
7EOPDL
End of Packet Data Latch. This bit is set when an end of packet (EOP) byte was written
into the RX FIFO by the HDLC receiver. This can be in the form of a flag, an abort
sequence or as an invalid packet. This bit is cleared after a read of Y23 or Y33.
6
TEOPL
Transmit End of Packet Latch. This bit is set when the transmitter has finished sending
the closing flag of a packet or after a packet has been aborted. This bit is cleared after a
read of Y23 or Y33.
5EOPRL
End of Packet received latch. This bit is set when the byte about to be read from the RX
FIFO is the last byte of the packet. It is also set if the Rx FIFO is read and there is no data
in it. This bit is cleared after a read of Y23 or Y33.
4TXFLL
Transmit Fifo Low Latch. This bit is set when the Tx FIFO is emptied below the 16 byte
low threshold level. This bit is cleared after a read of Y23 or Y33.
3FAL
Framer Abort Latch. This bit (FA) is set when a frame abort is received during packet
reception. It must be received after a minimum number of bits have been received (26)
otherwise it is ignored.This bit is cleared after a read of Y23 or Y33.
2
TxunderL
Txunder Latch. This bit is set for a TX FIFO underrun indication. If high it indicates that a
read by the transmitter was attempted on an empty Tx FIFO. This bit is cleared after a read
of Y23 or Y33.
1RxffL
Receive Fifo Full Latch. This bit is set when the Rx FIFO is filled above the 16 byte full
threshold level. This bit is reset after a read.This bit is cleared after a read of Y23 or Y33.
0RXOvfl
Receive Overflow Latch. Indicates that the 32 byte RX FIFO overflowed (i.e. an attempt to
write to a 32byte full RX FIFO). The HDLC will always disable the receiver once the receive
overflow has been detected. The receiver will be re-enabled upon detection of the next flag,
but will overflow again unless the RX FIFO is read. This bit is reset after a read.This bit is
cleared after a read of Y23 or Y33.
Table 95 - HDLC Status Latch(Y23) (T1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com