Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MT9072AB Datasheet(PDF) 129 Page - Zarlink Semiconductor Inc

Part # MT9072AB
Description  Octal T1/E1/J1 Framer
PDF  275 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZARLINK [Zarlink Semiconductor Inc]
Direct Link  http://www.zarlink.com
Logo ZARLINK - Zarlink Semiconductor Inc

MT9072AB Datasheet(HTML) 129 Page - Zarlink Semiconductor Inc

Back Button MT9072AB Datasheet HTML 125Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 126Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 127Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 128Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 129Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 130Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 131Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 132Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 133Page - Zarlink Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 129 / 275 page
background image
MT9072
Data Sheet
129
Zarlink Semiconductor Inc.
Bit
Name
Functional Description
15-11
#
not used.
10
TSLIP
Transmit Slip. A change of state (i.e., 1-to-0 or 0-to-1) indicates that a transmit controlled
frame slip has occurred in the transmitter.
9
TSLPD
Transmit Slip Direction. If one, indicates that the last transmit frame slip resulted in a
repeated frame, i.e., the internally generated 1.544 MHz. transmit clock is faster than the
system clock (C4b). If zero, indicates that the last transmit frame slip resulted in a lost
frame, i.e., the internally generated 1.544 MHz. transmit clock is slower than network
clock. Updated on an TSLIP occurrence.
8
TxSBMSB
Transmit Slip Buffer MSB. The most significant bit of the Transmit Slip Buffer Delay
Word. If one, the delay through the transmit elastic buffer is greater than one frame in
length; if zero, the delay through the transmit elastic buffer is less than one frame in
length. This bit is reset whenever Transmit Set Delay Bits (register address YF7) - are
written to.
7-3
TxTS4 - 0
Transmit timeslot. A five bit counter that indicates the number of ST-BUS timeslots
between the transmit elastic buffer ST-BUS write frame boundary and the internal
transmit read frame boundary. The count is updated every 250 uS.
2-0
TxBC2 - 0
Transmit Bit Count. A three bit counter that indicates the number of ST-BUS bit times
there are between the transmit elastic buffer ST-BUS write frame boundary and the
internal read frame boundary. The count is updated every 250 uS.
Table 83 - Transmit Slip Buffer Status Word(Y14) (T1)
Bit
Name
Functional Description
15-8
PSM7-0
PRBS Multiframe Counter.This counter is incremented for each received CRC multiframe.
It is cleared when the PRBS Error Counter is written to.
7-0
PS7-0
PRBS Error Counter.This counter is incremented for each PRBS error detected on any of
the receive channels connected to the PRBS error detector.
Table 84 - PRBS Error Counter and CRC Multiframe Counter for PRBS(Y15) (T1)
Bit
Name
Functional Description
15-0
MFOOF15-0
(1)
Multiframes Out of Synchronization Counter. This 16 bit counter will be incremented
once for every multiframe (1.5 milliseconds in D4 mode, 3 milliseconds in ESF mode) in
which basic frame synchronization is lost. This counter presets to one upon reset. If
terminal frame synchronization is neverobtained, the MFOOF counter will keep
incrementing every 1.5 or 3 msec (ESF Mode)
Table 85 - Multiframe Out of Frame Counter(Y16) (T1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com