Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MT9072AB Datasheet(PDF) 126 Page - Zarlink Semiconductor Inc

Part # MT9072AB
Description  Octal T1/E1/J1 Framer
PDF  275 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZARLINK [Zarlink Semiconductor Inc]
Direct Link  http://www.zarlink.com
Logo ZARLINK - Zarlink Semiconductor Inc

MT9072AB Datasheet(HTML) 126 Page - Zarlink Semiconductor Inc

Back Button MT9072AB Datasheet HTML 122Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 123Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 124Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 125Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 126Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 127Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 128Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 129Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 130Page - Zarlink Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 126 / 275 page
background image
MT9072
Data Sheet
126
Zarlink Semiconductor Inc.
17.1.4
Master Status Registers(Y10-Y18)Bit Functions
Tables 80 to 95 describe the bit functions of each of the Master Status Registers in the MT9072. Each register is
repeated for each of the 8 framers. Framer 0 is addressed with Y=0, Framer 1 with Y=1, Framer 2 with Y=2... and
Framer 7 with Y=7 (where Y represents the 4 most significant address bits (MSB) A11A10 A9 A8). All status bits will
power up in the inactive state until the event happens.
Bit
Name
Functional Description
15-14
#
not used
13
TFSYNC Terminal Frame Synchronization. Indicates the Terminal Frame Synchronization status (1
- loss; 0 - acquired). For ESF links terminal frame synchronization and multiframe
synchronization are synonymous.
This bit is also used for indicating T1DM sync gain or loss.
12
MFSYNC Multiframe Synchronization. Indicates the Multiframe Synchronization status (1 - loss; 0
-acquired). For ESF Mode multiframe synchronization and terminal frame synchronization
are synonymous. MFSYNC is relevant in all T1 Modes.
11
SE
Severely Errored Frame. This bit toggles when 2 of the last 6 received framing bits are in
error. The framing bits monitored are the ESF framing bits for ESF links, a combination of Ft
and Fs bits for D4 links (See Framing Mode Selection Word Y00) and T1DM Mode.
10
LOS
Digital Loss of Signal. This bit goes high after the detection of 192 or 32 consecutive zeros
dependent on the setting of L32Z bit. It returns low when the incoming pulse density exceeds
12.5%.
9D4YALM D4 Yellow Alarm. This bit is set if bit position 2 of virtually every DS0 channel is a zero for a
period of 600 milliseconds. The alarm is tolerant of errors by permitting up to 16 ones in a 48
millisecond integration period. The alarm clears in 200 milliseconds after being removed
from the line. The alarm will also clear if four 48 msec intervals are detected with more than
16 ones in bit position 2.
8D4Y48
D4 Yellow Alarm - 48 Millisecond Sample. This bit is set if bit position 2 of virtually every
DS0 channel is a zero for a period of 48 milliseconds. The alarm is tolerant of errors by
permitting up to 16 ones in the integration period. This bit is updated every 48 milliseconds.
7
SECYEL Secondary D4 Yellow Alarm. This bit is set if 2 consecutive’1’s are received in the S-bit
position of the 12th frame of the D4 superframe.
6
ESFYEL ESF Yellow Alarm. This bit is set if the ESF yellow alarm 0000000011111111 is received in
eight or more codewords out of ten in the Bit oriented message location which are the FDL
bits.
5AIS
AIS Alarm. This bit is set if less than 5 zeros are received in a 3 millisecond window. The
AIS bit is set to ahigh after power up.
4PDV
Pulse Density Violation. This bit toggles if the receive data fails to meet ones density
requirements. It will toggle upon detection of 16 consecutive zeros on the line data, or if
there are fewer than N ones in a window of 8(N+1) bits - where N = 1 to 23.
3
LLED
Line Loopback Enable Detect. This bit will be set when a framed or unframed repeating
pattern of 00001 has been detected during a 48 millisecond interval. Up to fifteen errors are
permitted per integration period. Note that the code detected is dependent on Receive
Loopback Activate Code Match(Y0F).
Table 79 - Synchronization and Alarm Status Word(Y10) (T1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com