Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MT9072AB Datasheet(PDF) 124 Page - Zarlink Semiconductor Inc

Part # MT9072AB
Description  Octal T1/E1/J1 Framer
PDF  275 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZARLINK [Zarlink Semiconductor Inc]
Direct Link  http://www.zarlink.com
Logo ZARLINK - Zarlink Semiconductor Inc

MT9072AB Datasheet(HTML) 124 Page - Zarlink Semiconductor Inc

Back Button MT9072AB Datasheet HTML 120Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 121Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 122Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 123Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 124Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 125Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 126Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 127Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 128Page - Zarlink Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 124 / 275 page
background image
MT9072
Data Sheet
124
Zarlink Semiconductor Inc.
Bit
Name
Functional Description
15-10
#
not used
9-8
TXLACL
1-0
(00)
Transmit Loop Activate Code Length. These 2 bits define the length of the transmit loop up
code.
00-Code length is 5 bits
01-Code length is 6 or 3 bits
10-Code length is 7 bits
11-Code length is 8 or 4 bits
Note: if 3 bit code or 4 bit code is required the bits have to be repeated in TXLDC7-0.
For instance if the code 1011 is desired, the TXLAC has to be set to 10111011 and the length
TXLACL to 11.
7-0
TXLAC7-0
(0000
0001)
Transmit Loop Activate Code. This byte specifies the inband loopup code to be transmitted.
The default values are the T1.403 values for Loop Activate Code.
Table 75 - Transmit Loop Activate Code Register(Y0D) (T1)
Bit
Name
Functional Description
15-10
#
not used
9-8
TXLDCL
1-0
(01)
Transmit Loop Deactivate Code Length. These 2 bits define the length of the transmit
loop down code.
00-Code length is 5 bits
01-Code length is 6 or 3 bits
10-Code length is 7 bits
11-Code length is 8 or 4 bits
Note if 3 bit code or 4 bit code is required the bits have to be repeated in the TXLDC7-0. For
instance if the code 1011 is desired, the TXLDC has to be set to 10111011 and TxDLCL to 11
7-0
TXLDC7-0
(0000
1001)
Transmit Loop Deactivate Code. This byte specifies the inband loopdown code to be
transmitted. If 001 is to be transmitted as a loopdown code; the register has to programmed
to a value of XX001001and the length (TXLDL has to be 01).The default values are the
T1.403 values for Loop Deactivate Code.
Table 76 - Transmit Loop Deactivate Code Register(Y0E) (T1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com