Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MT9072AB Datasheet(PDF) 122 Page - Zarlink Semiconductor Inc

Part # MT9072AB
Description  Octal T1/E1/J1 Framer
PDF  275 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZARLINK [Zarlink Semiconductor Inc]
Direct Link  http://www.zarlink.com
Logo ZARLINK - Zarlink Semiconductor Inc

MT9072AB Datasheet(HTML) 122 Page - Zarlink Semiconductor Inc

Back Button MT9072AB Datasheet HTML 118Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 119Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 120Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 121Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 122Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 123Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 124Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 125Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 126Page - Zarlink Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 122 / 275 page
background image
MT9072
Data Sheet
122
Zarlink Semiconductor Inc.
Bit
Name
Functional Description
15-12
#
not used.
11-7
HCH4-0
(0)
HDLC Channel 4-0. This 5 bit number specifies the timeslot the HDLC will be attached to if
enabled. Timeslot 0 is the first channel in the frame. Timeslot 23 is the last channel available
in a T1 frame. If enabled in a channel, HDLC data will be substituted for data from DSTi on
the transmit side. Receive data is extracted from the incoming line data before the elastic
buffer.
6
HPAYSEL
(0)
HDLC Payload Select. Set this bit to 1 to attach HDLC to a payload timeslot, if zero it is
attached to the Facility Data Link when in the ESF mode.
5
E1.5CK
(0)
Extracted 1.5 Data Link Clock. If one, the RxDLC pin outputs a 1.544 MHz clock signal
derived from the 1.544 MHz clock signal at the EXCLi pin. This clock is synchronous with the
receive data before it passes through the elastic buffer at the RxDL pin. If zero, the RxDLC
pin operates as a receive data link clock or enable signal as programmed by control bit
DLCK (register address Y06).
4DLCK
(0)
Data Link Clock. If one, the TxDLC and RxDLC pins output a gapped clock. If zero, the
TxDLC and RxDLC pins output an active low enable signal.
3EDLEN
(0)
Enable Data Link. Setting this bit multiplexes the serial stream clocked in on pin TxDL into
the FDL bit position (ESF mode) or the Fs bit position (D4 mode).
2
BOMEN
(0)
Bit Oriented Message Enable. Setting this bit enables transmission of bit - oriented
messages on the ESF facility data link. The actual message transmitted at any one time is
contained in the Tx BOM register (Y07).
1
HDLCEN
(0)
HDLC Enable. If this bit is set and HPAYSEL is a zero than the internal HDLC is connected
to the FDL bits in ESF Mode and TXDL/RXDL are not used for the dataLink. If 0 the datalink
is sourced/sinked from TXDL/RXDL.
0
H1R64
(0)
HDLC Rate Select. Setting this bit high while the HDLC is activated on a timeslot enables
64 Kb/s operation. Setting this bit low while an HDLC is activated enables 56 Kb/s operation
(this prevents data corruption due to forced bit stuffing).
Table 69 - HDLC & DataLink Control Word(Y06) (T1)
Bit
Name
Functional Description
15-8
#
not used.
7-0 TXBOM
7-0
(0)
Transmit Bit Oriented Message. The contents of this register are concatenated with a
sequence of eight 1’s and continuously transmit in the FDL bit position of ESF trunks. Normally
the leading bit (bit 7) and last bit (bit 0) of this register are set to zero. Note that in accordance to
T1.403 Table 11 the codeword 7E should not be used due to similarity of DataLink idle code.
Table 70 - Transmit Bit Oriented Message Register (Y07) (T1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com