Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MT9072AB Datasheet(PDF) 119 Page - Zarlink Semiconductor Inc

Part # MT9072AB
Description  Octal T1/E1/J1 Framer
PDF  275 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZARLINK [Zarlink Semiconductor Inc]
Direct Link  http://www.zarlink.com
Logo ZARLINK - Zarlink Semiconductor Inc

MT9072AB Datasheet(HTML) 119 Page - Zarlink Semiconductor Inc

Back Button MT9072AB Datasheet HTML 115Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 116Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 117Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 118Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 119Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 120Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 121Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 122Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 123Page - Zarlink Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 119 / 275 page
background image
MT9072
Data Sheet
119
Zarlink Semiconductor Inc.
Bit
Name
Functional Description
15-8
#
not used.
7
TESFYEL
(0)
Transmit ESF Yellow Alarm. Setting this bit(while in ESF Mode) causes a repeating pattern of
eight 1’s followed by eight 0’s to be sent on the transmit FDL bits. When JYEL is set, all ones
signal is sent on the FDL.
6
TXSECY
(0)
Transmit Secondary Yellow Alarm. When set to 1, the S-bit for transmit frame 12 will to be
set to 1.
5
TD4YEL
(0)
Transmit D4 Yellow Alarm. When set, bit 2 of all DS0 channels are forced low. The definition
of Bit 2 is in accordance with Figure 55.
4
TAIS
(1)
Transmit All Ones. When low, this control bit forces a framed or unframed (depending on the
state of Transmit Alarm Control bit 0) all ones to be transmit at TTIP and TRING.
3
#
not used.
2TT1DMY
(1)
Transmit T1DM Yellow Alarm. If this bit is 0 a T1DM yellow alarm is sent on bit 2 of the 24th
timeslot.
1
D4SECY
(0)
D4 Secondary Alarm. Set this bit for trunks employing the secondary Yellow Alarm. The Fs bit
in the 12th frame will not be used for counting errored framing bits. If a one is received in the Fs
bit position of the 12th frame a Secondary Yellow Alarm Detect bit will be set.
0SO
(0)
S-bit Override. If set, this bit forces the S-bits to be inserted as an overlay on any of the
following alarm conditions: i) transmit all ones, ii) loop up code insertion, iii) loop down code
insertion.
Table 65 - Transmit Alarm Control Word(Y02) (T1)
Bit
Name
Functional Description
15-7
#
not used.
6
L32Z
(0)
Digital Loss of Signal Selection. If one, the threshold for digital loss of signal is 32
successive zeros. If zero, the threshold is set to 192 successive zeros.
5
BPVE
(0)
Bipolar Violation Error Insertion. A zero-to-one transition of this bit inserts a single bipolar
violation error into the transmit DS1 data.
4
CRCE
(0)
CRC-6 Error Insertion. A zero-to-one transition of this bit inserts a single CRC-6 error into
the transmit ESF DS1 data.
3FTE
(0)
Terminal Framing Bit Error Insertion. A zero-to-one transition of this bit inserts a single
error into the transmit D4 Ft pattern or the transmit ESF framing bit pattern (in ESF mode).
2FSE
(0)
Signal Framing Bit Error Insertion. A zero-to-one transition of this bit inserts a single error
into the transmit Fs bits (in D4 mode only).
1LOSE
(0)
Loss of Signal Error Insertion. If one, the MT9072 transmits an all zeros signal (no pulses).
Zero code suppression is overridden. If zero, data is transmitted normally.
0
PERR
(0)
Payload Error Insertion. A zero - to - one transition of this bit inserts a single bit error in the
transmit payload.
Table 66 - Transmit Error Control Word(Y03) (T1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com