Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MT9072AB Datasheet(PDF) 121 Page - Zarlink Semiconductor Inc

Part # MT9072AB
Description  Octal T1/E1/J1 Framer
PDF  275 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZARLINK [Zarlink Semiconductor Inc]
Direct Link  http://www.zarlink.com
Logo ZARLINK - Zarlink Semiconductor Inc

MT9072AB Datasheet(HTML) 121 Page - Zarlink Semiconductor Inc

Back Button MT9072AB Datasheet HTML 117Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 118Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 119Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 120Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 121Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 122Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 123Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 124Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 125Page - Zarlink Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 121 / 275 page
background image
MT9072
Data Sheet
121
Zarlink Semiconductor Inc.
Bit
Name
Functional Description
15-6
#
not used.
5DLBK
(0)
Digital Loopback. If one, then the digital streams (TPOS/TNEG) are looped to RPOS/RNEG.
Data coming out of DSTo will be a delayed version of DSTi. Hence the data path is DSTi through
the Transmitter to RPOS/RNEG and through the receiver to DSTo.
4RLBK
(0)
Remote Loopback. If one, then all timeslots received on RPOS/RNEG are connected to
TPOS/TNEG on the DS1 side of the MT9072. If zero, then this feature is disabled.
3STLBK
(0)
ST-BUS Loopback. If one, then the last bit in the frame and the first 24 timeslots of DSTi are
connected to the last bit in the frame and the first 24 timeslots of DSTo on the ST-BUS side of the
MT9072. If zero, then this feature is disabled. See Loopbacks section.
2PLBK
(0)
Payload Loopback. If one, then all timeslots received on RPOS/RNEG are connected to
TPOS/TNEG on the ST-BUS side of the MT9072. Hence DSTo is looped back to DSTi. If zero,
then this feature is disabled. Set the bit RxDO (YF1 bit 9) for the payload loopback data to
appear at the transmitter output.
1TLU
(0)
TxLoopUp Code. If this bit is set inband line loopup code is sent. The loopup code to be sent is
determined by the Tx Loopup Code register. Note that the receiver will detect either framed or
unframed inband loop codes.
0TLD
(0)
TxLoopDown Code. If this bit is set inband line loopdown code is sent. The loopdown code to
be sent is determined by the Tx LoopDown Code register. If both TLU and TLD are set TLD
takes precedence.
Table 68 - LoopBack Control Word (Y05) (T1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com