Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MT9072AB Datasheet(PDF) 128 Page - Zarlink Semiconductor Inc

Part # MT9072AB
Description  Octal T1/E1/J1 Framer
PDF  275 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZARLINK [Zarlink Semiconductor Inc]
Direct Link  http://www.zarlink.com
Logo ZARLINK - Zarlink Semiconductor Inc

MT9072AB Datasheet(HTML) 128 Page - Zarlink Semiconductor Inc

Back Button MT9072AB Datasheet HTML 124Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 125Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 126Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 127Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 128Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 129Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 130Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 131Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 132Page - Zarlink Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 128 / 275 page
background image
MT9072
Data Sheet
128
Zarlink Semiconductor Inc.
Bit
Name
Functional Description
15-14
#
not used.
13-11
PI2-0
Phase Indicator Bits (PI2 to PI0). These bits make up 3 least significant bits of a 12 bit
word which indicate the delay through the receive slip buffer. The delay through the slip
buffer in 2.048 Mhz bit cells is ( 512 - Phase Indicator bits). The delay to DSTo from the
write into the slip buffer is ( 512 - Phase Indicator bits) + 16 bits. These bits are updated
when the slip buffer write address is 0. These 3 bits will reflect the 1/2,1/4 and 1/8
fractions of the Phase Indicator Bits.
10
RSLPD
Receive Slip Direction. If one, indicates that the last received frame slip resulted in a
repeated frame, i.e., the system clock (C4b) is faster than network clock (EXCLi). If zero,
indicates that the last received frame slip resulted in a lost frame, i.e., system clock slower
than network clock. Updated on an RSLIP occurrence basis.
9RxSLIP
Receive Slip. A change of state (i.e., 1-to-0 one 0-to-1) indicates that a receive controlled
frame slip has occured.
8RxFRM
Receive Frame. The most significant bit of the phase status word. If one, the delay
through the receive elastic buffer is greater than one frame in length; if zero, the delay
through the receive elastic buffer is less than one frame in length.
7-3
RxTS4 - 0 Receive Timeslot. A five bit counter that indicates the number of timeslots between the
receive elastic buffer internal write frame boundary and the ST-BUS read frame boundary.
The count is updated every 250 uS.
2-0
RxBC2 - 0 Receive Bit Count. A three bit counter that indicates the number of ST-BUS bit times
there are between the receive elastic buffer internal write frame boundary and the ST-BUS
read frame boundary. The count is updated every 250 uS.
Table 82 - Receive Slip Buffer Status Word(Y13) (T1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com