Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MT9072AB Datasheet(PDF) 144 Page - Zarlink Semiconductor Inc

Part # MT9072AB
Description  Octal T1/E1/J1 Framer
PDF  275 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZARLINK [Zarlink Semiconductor Inc]
Direct Link  http://www.zarlink.com
Logo ZARLINK - Zarlink Semiconductor Inc

MT9072AB Datasheet(HTML) 144 Page - Zarlink Semiconductor Inc

Back Button MT9072AB Datasheet HTML 140Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 141Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 142Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 143Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 144Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 145Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 146Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 147Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 148Page - Zarlink Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 144 / 275 page
background image
MT9072
Data Sheet
144
Zarlink Semiconductor Inc.
17.1.9
Master Control Registers (YF1 to YF7) Bit Functions
Tables 116 to 122 describe the bit functions of each of the Master Control Registers in the MT9072 for T1 mode.
Each register is repeated for each of the 8 framers. Framer 0 is addressed with Y=0, Framer 1 with Y=1, Framer 2
with Y=2,... Framer 7 with Y=7 (where Y represents the 4 most significant address bits (MSB) A11 A10 A9 A8). In
addition, a simultaneous write to all 8 Framers is possible by setting the address A11 to 1 and A10 to A8 to 0. A (0),
(1) or (#) in the “Name” column of these tables indicates the state of the data bits after a hard reset (the RESET pin
is toggled from zero to one), or a software reset (the RST bit in control register address YF1 is toggled from one to
zero or toggling of RSTC in Global Control Register). The (#) indicates that a (0) or (1) is possible.
Bit
Name
Functional Description
15-10
#
not used.
9RPCI
(0)
Receive Per Channel Inversion. The data received from the incoming DS1 channel is
inverted before it emerges from DSTo if this bit is set for the channel.
8MPDR
(0)
Micro Port Data Receive. Setting this bit allows for the receive data for a given channel to
be replaced by data in the idle code(Y09). The idle code can be written by the micro port for
trunk conditioning applications.
7
MPST
Micro Port Signaling Transmit. Setting this bit allows for the transmit signaling for a given
channel to be replaced by the bits in the Per Channel Transmit signaling Registration-TD of
registers Y50-Y67. They can be written by the micro port for trunk conditioning applications.
6TPCI
(0)
Transmit Per Channel Inversion. When set high the data for this channel sourced from
DSTi is inverted before being transmit onto the equivalent DS1 channel.
5RTSL
(0)
Remote Timeslot Loopback. If one, the corresponding DS1 receive timeslot is looped to
the corresponding DS1 transmit timeslot. This received timeslot will also be present on
DSTo. If zero, the receive loopback is disabled.
4LTSL
(0)
Local Timeslot Loopback. If one, the corresponding transmit timeslot is looped to the
corresponding receive timeslot. This transmit timeslot will also be present on the transmit
DS1 stream. If zero, this loopback is disabled.
3TTST
(0)
Transmit Test. If one the Mu-law digital milliwatt (where control bit ADSEQ is one) or a PRBS
generator (215-1) (ADSEQ is zero) will be transmitted in the corresponding DS1 timeslot.
More than one timeslot may be activated at once. If zero, the test signal will not be connected
to the corresponding timeslot.
2RRST
(0)
Receive Test. If one, the Mu-law digital milliwatt (where control bit ADSEQ is one) will be
sent to the DSTo or a PRBS data (215-1) (if ADSEQ is zero) will be expected in the
corresponding PCM 24 timeslot. If zero, the PRBS detector will not be connected to the
corresponding timeslot.
1MPDT
(0)
Micro Port Data Transmit. Setting this bit allows for the transmit data for a given channel to
be replaced by the idle code(Y0A). The idle code can be written by the micro port for trunk
conditioning applications. Ensure that TTST and RTSL are off.
0CC
(0)
Clear Channel. When set high no robbed bit signaling is inserted in the equivalent transmit
DS1 channel. When set low robbed bit signaling is included in every 6th frame.
Table 111 - Per Channel Control Word(Y90-YA7) (T1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com