Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MT9072AB Datasheet(PDF) 147 Page - Zarlink Semiconductor Inc

Part # MT9072AB
Description  Octal T1/E1/J1 Framer
PDF  275 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZARLINK [Zarlink Semiconductor Inc]
Direct Link  http://www.zarlink.com
Logo ZARLINK - Zarlink Semiconductor Inc

MT9072AB Datasheet(HTML) 147 Page - Zarlink Semiconductor Inc

Back Button MT9072AB Datasheet HTML 143Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 144Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 145Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 146Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 147Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 148Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 149Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 150Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 151Page - Zarlink Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 147 / 275 page
background image
MT9072
Data Sheet
147
Zarlink Semiconductor Inc.
Bit
Name
Functional Description
15-6
#
not used.
5
HRST
(0)
HDLC Reset. When this bit is high, the HDLC and HDLC registers will be reset (HDLC
Control, HDLC Test Control, Address Recognition Byte). This is similar to RESET being
applied, the only difference being that this bit will not be reset. This bit can only be reset by
writing a zero to this location or applying RESET.
4
RTLOOP
(0)
Receive Transmit Loopback. When this bit is high, receive to transmit HDLC loopback will
be activated. Receive data, including end of packet indication, but not including flags or CRC,
will be written to the TX FIFO as well as the RX FIFO. When the transmitter is enabled, this
data will be transmitted as though written by the microprocessor. Both good and bad packets
will be looped back. Receive to transmit loopback may also be accomplished by reading the
RX FIFO using the microprocessor and writing these bytes, with appropriate tags, into the TX
FIFO.
3
CRCTST
(0)
CRC Test. This bit allows direct access to the CRC Comparison Register in the receiver
through the serial interface. After testing is enabled, serial data is clocked in until the data
aligns with the internal comparison (16 RXC clock cycles) and then the clock is stopped. The
expected pattern is F0B8 hex. Each bit of the CRC can be corrupted to allow more efficient
testing.
2FTST
(0)
Fifo Test. This bit allows the writing to the RX FIFO and reading of the TX FIFO through the
microprocessor to allow more efficient testing of the FIFO status/interrupt functionality. This is
done by making a TX FIFO write become a RX FIFO write and a RX FIFO read become a TX
FIFO read. In addition, EOP/FA and RQ8/RQ9 are re-defined to be accessible (i.e. RX write
causes EOP/FA to go to RX fifo input; TX read looks at output of TX fifo through RQ8/RQ9
bits).
1ADTST
(0)
Address Recognition Test. This bit allows direct access to the Address Recognition
Registers in the receiver through the serial interface to allow more efficient testing. After
address testing is enabled, serial data is clocked in until the data aligns with the internal
address comparison (16 RXc clock cycles) and then clock is stopped. Then the VADDR bit in
Y1C can be checked.
0
HLOOP
(0)
HDLC Loopback. When high, transmit to receive HDLC loopback will be activated. The
packetized transmit data will be looped back to the receive input. RXEN and TXEN bits must
also be enabled.
Table 114 - HDLC Test Control(YF3) (T1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com