Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MT9072AB Datasheet(PDF) 146 Page - Zarlink Semiconductor Inc

Part # MT9072AB
Description  Octal T1/E1/J1 Framer
PDF  275 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZARLINK [Zarlink Semiconductor Inc]
Direct Link  http://www.zarlink.com
Logo ZARLINK - Zarlink Semiconductor Inc

MT9072AB Datasheet(HTML) 146 Page - Zarlink Semiconductor Inc

Back Button MT9072AB Datasheet HTML 142Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 143Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 144Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 145Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 146Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 147Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 148Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 149Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 150Page - Zarlink Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 146 / 275 page
background image
MT9072
Data Sheet
146
Zarlink Semiconductor Inc.
Bit
Name
Functional Description
15-11
#
not used.
10
ADREC
(0)
Address Recognition.When high, this bit will enable address recognition. This forces the
receiver to recognize only those packets having the unique address as programmed in the
Receive Address Recognition Registers or if the address is an All Call Address.
9RXEN
(0)
Receive Enable.When low this bit will disable the HDLC receiver. The receiver will disable
after the rest of the packet presently being received is finished. The receiver’s internal clock
is disabled.
When high the receiver will be immediately enabled (depending on the state of RXCEN
input) and will begin searching for flags, Go-aheads etc.
8TXEN
(0)
Transmit Enable.When low this bit will disable the HDLC transmitter. The transmitter will
disable after the completion of the packet presently being transmitted. The transmitter’s
internal clock is disabled.
When high the transmitter will be immediately enabled (depending on the state of the
TXCEN input) and will begin transmitting data, or go to a mark idle or interframe time fill
state.
7EOP
(0)
End of Packet When set this bit will indicate an end of packet byte to the transmitter, which
will transmit an FCS following this byte. This facilitates loading of multiple packets into TX
FIFO. Reset automatically after a write to the TX FIFO occurs.
6FA
(0)
Framer Abort.Forms a tag on the next byte written to the TX FIFO, and when set will
indicate to the transmitter that it should abort the packet in which that byte is being
transmitted. Reset automatically after a write to the TX FIFO.
5MI
(0)
Mark-Idle.When low, the transmitter will be in an idle state. When high it is in an interframe
time fill state. These two states will only occur when the TX FIFO is empty.
4CYCLE
(0)
Cycle.When high, this bit will cause the transmit byte count to cycle through the value
loaded into the Transmit Byte Count Register.
3
TCRCI
(0)
Transmit CRC Inhibit. When high, this bit will inhibit transmission of the CRC. That is, the
transmitter will not insert the computed CRC onto the bit stream after seeing the EOP tag
byte. This is used in V.120 terminal adaptation for synchronous protocol sensitive UI frames.
2
SEVEN
(0)
Seven.When high, this bit will enable seven bits of address recognition in the first address
byte. The received address byte must have bit 0 equal to 1 which indicates a single address
byte is being received.
1RXFRST
(0)
Rx Fifo Reset.When high, the RX FIFO will be reset. This causes the receiver to be
disabled until the next reception of a flag. The status register will identify the FIFO as being
empty. However, the actual bit values in the RX FIFO will not be reset.
0TXFRST
(0)
Transmit FIFO Reset When high, the TX FIFO will be reset. The Status Register will identify
the FIFO as being empty. This bit will be reset when data is written to the TX FIFO. However,
the actual bit values of data in the TX FIFO will not be reset.
Table 113 - HDLC Control 1(YF2) (T1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com