Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MT9072AB Datasheet(PDF) 142 Page - Zarlink Semiconductor Inc

Part # MT9072AB
Description  Octal T1/E1/J1 Framer
PDF  275 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZARLINK [Zarlink Semiconductor Inc]
Direct Link  http://www.zarlink.com
Logo ZARLINK - Zarlink Semiconductor Inc

MT9072AB Datasheet(HTML) 142 Page - Zarlink Semiconductor Inc

Back Button MT9072AB Datasheet HTML 138Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 139Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 140Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 141Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 142Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 143Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 144Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 145Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 146Page - Zarlink Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 142 / 275 page
background image
MT9072
Data Sheet
142
Zarlink Semiconductor Inc.
17.1.8
Per Channel Control and Data (Y50 - YAF) Bit Functions
Tables 112 to 114 provide the per timeslot control for signaling and Per Channel Control. The reset values of Per
channel Transmit signaling and Receive signaling bits can be 1 or 0.
Bit
Name
Functional Description
15-4
#
not used.
3
EXZOI
(0)
Excessive Zero Overflow Interrupt. This bit goes high whenever the excessive zero
counter (Y1B) overflows.This bit is reset after a read of Y36 or Y26.
2EXZI
(0)
EXcessive Zero Interrupt. This bit goes high whenever the excessive zero counter (Y1B)
is incremeted by one. This bit is reset after a read of Y36 or Y26.
1
TXSLIPIM
(0)
Transmit SLIP Interrupt Mask. When unmasked an interrupt is initiated whenever a
controlled frame slip occurs in the transmit elastic buffer. If 1 - masked, 0 - unmasked.
0
RXSLIPIM
(0)
Receive SLIP Interrupt Mask. When unmasked an interrupt is initiated whenever a
controlled frame slip occurs in the receive elastic buffer. If 1 - masked, 0 - unmasked.
Table 108 - Elastic Store and Excessive zero Interrupt Mask Register(Y46) (T1)
Bit
Name
Functional Description
15-4
#
not used.
3TA(n)
Transmit Signaling Bits A for Channel n. Where signaling is enabled, these bits are
transmitted in bit position 8 of the 6th DS1 frame (within the 12 frame superframe structure for
D4 superframes and the 24 frame structure for ESF superframes). This data is obtained from
the CSTi interface but can be overwritten via the Micro port for trunk conditioning applications.
If the MPST bit in the corresponding per timeslot control is not set, this value will be constantly
overwritten by the CSTi stream.
2TB(n)
Transmit Signaling Bits B for Channel n. Where signaling is enabled, these bits are
transmitted in bit position 8 of the 12th DS1 frame (within the 12 frame superframe structure
for D4 superframes and the 24 frame structure for ESF superframes).This data is obtained
from the CSTi interface but can be overwritten via the Micro port for trunk conditioning
applications. If the MPST bit in the corresponding per timeslot control is not set, this value will
be constantly overwritten by the CSTi stream.
1TC(n)
Transmit Signaling Bits C for Channel n. Where signaling is enabled, these bits are
transmitted in bit position 8 of the 18th DS1 frame within the 24 frame structure for ESF
superframes. In D4 mode these bits are unused. This data is obtained from the CSTi interface
but can be overwritten via the Micro port for trunk conditioning applications. If the MPST bit in
the corresponding per timeslot control is not set, this value will be constantly overwritten by
the CSTi stream.
0TD(n)
Transmit Signaling Bits D for Channel n. Where signaling is enabled, these bits are
transmitted in bit position 8 of the 24th DS1 frame within the 24 frame structure for ESF
superframes. In D4 mode these bits are unused.This data is obtained from the CSTi interface
but can be overwritten via the Micro port for trunk conditioning applications. If the MPST bit in
the corresponding per timeslot control is not set, this value will be constantly overwritten by
the CSTi stream.
Table 109 - Per Channel Transmit Signaling Y50-Y67 (T1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com