Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MT9072AB Datasheet(PDF) 217 Page - Zarlink Semiconductor Inc

Part # MT9072AB
Description  Octal T1/E1/J1 Framer
PDF  275 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZARLINK [Zarlink Semiconductor Inc]
Direct Link  http://www.zarlink.com
Logo ZARLINK - Zarlink Semiconductor Inc

MT9072AB Datasheet(HTML) 217 Page - Zarlink Semiconductor Inc

Back Button MT9072AB Datasheet HTML 213Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 214Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 215Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 216Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 217Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 218Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 219Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 220Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 221Page - Zarlink Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 217 / 275 page
background image
MT9072
Data Sheet
217
Zarlink Semiconductor Inc.
Bit
Name
Functional Description
15-11 CHANNUM
(00000)
Channel Number. These 5 bits determine the channel that is used for updating of the
ST-BUS Analyzer buffer.
10-8
#
not used.
7-6
STRNUM
(00000)
Stream Number. These 5 bits determine the streams that will be used as the source data
for the ST-BUS Analyzer buffer.
00: Dsti
01: DSTo
10: Csti
11: Csto
5STBUFEN
(0)
ST-BUS Analyser Buffer Enable. Setting this bit enables the ST-BUS Analyser Buffer
update. When the user reads the buffer(920-93F), this bit must be 0. Any reads of the buffer
while this bit is set does not ensure correct data being read.
4-2
FNUM
(000)
Framer Number. 0 to 7.
1
CHUP
(0)
Channel Update. If 0 the update of the memory is at frame rate for a given channel. The
channel selected for update is provided by the ChanNum bits of this register. If set the
complete frame(channels 0 to 32) are updated to the buffer.
0CONTSIN
(0)
Continuous Single. If set to 1 the ST-BUS Analyzer buffer is updated continuously. If set to
zero the buffer is updated once and stopped. An optional interrupt can be generated once
the buffer is full.
Table 195 - Global Control1 Register (R/W Address 901) (E1)
Bit
Name
Functional Description
15
F3HM
(0)
Framer 3 HDLC Mask. This is the mask bit for the F3HVS status bit in the Interrupt Vector
Register(address 910). If this mask bit is one, the corresponding Interrupt Vector status bit will
remain inactive (zero). If this mask bit is zero, the corresponding Interrupt Vector status bit will
function normally.
14
F3EM
(0)
Framer 3 Elastic Mask. This is the mask bit for the F3EVS status bit in the Interrupt Vector
Register (address 910). If this mask bit is one, the corresponding Interrupt Vector status bit will
remain inactive (zero). If this mask bit is zero, the corresponding Interrupt Vector status bit will
function normally.
13
F3RM
(0)
Framer 3 Rx Line Mask. This is the mask bit for the F3RVS status bit in the Interrupt Vector
Register (address 910). If this mask bit is one, the corresponding Interrupt Vector status bit will
remain inactive (zero). If this mask bit is zero, the corresponding Interrupt Vector status bit will
function normally.
12
F3SM
(0)
Framer 3 Sync and Overflow Mask. This is the mask bit for the F3SVS status bit in the Interrupt
Vector Register (address 910). If this mask bit is one, the corresponding Interrupt Vector status bit
will remain inactive (zero). If this mask bit is zero, the corresponding Interrupt Vector status bit will
function normally.
Table 196 - Interrupt Vector 1 Mask Register (R/W Address 902) (E1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com