Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MT9072AB Datasheet(PDF) 213 Page - Zarlink Semiconductor Inc

Part # MT9072AB
Description  Octal T1/E1/J1 Framer
PDF  275 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZARLINK [Zarlink Semiconductor Inc]
Direct Link  http://www.zarlink.com
Logo ZARLINK - Zarlink Semiconductor Inc

MT9072AB Datasheet(HTML) 213 Page - Zarlink Semiconductor Inc

Back Button MT9072AB Datasheet HTML 209Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 210Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 211Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 212Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 213Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 214Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 215Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 216Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 217Page - Zarlink Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 213 / 275 page
background image
MT9072
Data Sheet
213
Zarlink Semiconductor Inc.
A (0), (1) or (#) in the “Name” column of these tables indicates the state of the data bits after a reset (RESET, RSTC
or RST). The (#) indicates that a (0) or (1) is possible.
17.2.12
Receive National Bit RN Data Registers (YC0- YC4) Bit Functions
Table 193 describes the bit functions of each (5 registers in total, one register for each bit position) of the Receive
National Bits Data Registers in the MT9072. Each register is repeated for each of the 8 framers. Framer 0 is
addressed with Y=0, Framer 1 with Y=1, Framer 2 with Y=2 and so on up to Framer 7 with Y=7 (where Y represents
the 4 most significant address bits (MSB) A11-A8). Each register contains one byte (8-bits) of data corresponding to
eight frames of a particular bit position in timeslot 0. There are 5 registers in total containing 5 bytes of data,
occupying addresses YC0 to YC4 Address YC0 corresponds to bit position 4 (RN0=Sa4) and address YC4
corresponding to bit position 8 (RN4=Sa8).
A (0), (1) or (#) in the “Name” column of these tables indicates the state of the data bits after a reset (RESET, RSTC
or RST). The (#) indicates that a (0) or (1) is possible.
Bit
Name
Functional Description
15-8
(####
####)
not used.
7
6
5
4
3
2
1
0
TNnF1
TNnF3
TNnF5
TNnF7
TNnF9
TNnF11
TNnF13
TNnF15
(0000
0000)
Transmit National Bit TNnFm (n = 0 to 4, m = 1, 3, 5 etc. to 15). This bit is transmitted on
the PCM30 link, in bit position n+4 of Timeslot 0 during Frame m (non-frame alignment
signal (NFAS) frames) when CRC-4 multiframe alignment is used, or of consecutive odd
frames when CRC-4 multiframe alignment is not used.
Bit TNnFm is sourced from register address YFn as follows.
TN0Fm = Address YF8 corresponds to transmit national bits Sa4Fm
TN1Fm = Address YF9 corresponds to transmit national bits Sa5Fm
TN2Fm = Address YFA corresponds to transmit national bits Sa6Fm
TN3Fm = Address YFB corresponds to transmit national bits Sa7Fm
TN4Fm = Address YFC corresponds to transmit national bits Sa8Fm
Table 188 - Transmit National Bits (Sa4 - Sa8) TNn (n = 0 to 4) Data Register
(R/W Address YB0 to YB4) (E1)
Bit
Name
Functional Description
15-8
(####
####)
not used.
7
6
5
4
3
2
1
0
RNnF1
RNnF3
RNnF5
RNnF7
RNnF9
RNnF11
RNnF13
RNnF15
(0000
0000)
Receive National Bit RNnFm (n = 0 to 4, m = 1, 3, 5 etc. to 15). This bit is received from
the PCM30 link, in bit position n+4 of Timeslot 0 during Frame m (non-frame alignment
signal (NFAS) frames) when CRC-4 multiframe alignment is used, or of consecutive odd
frames when CRC-4 multiframe alignment is not used.
Bit RNnFm is sourced to register address YCn as follows.
RN0Fm = Address YC0 corresponds to receive national bit Sa4Fm
RN1Fm = Address YC1 corresponds to receive national bit Sa5Fm
RN2Fm = Address YC2 corresponds to receive national bit Sa6Fm
RN3Fm = Address YC3 corresponds to receive national bit Sa7Fm
RN4Fm = Address YC4 corresponds to receive national bit Sa8Fm
Table 189 - Receive National Bits (Sa4 - Sa8) RNn
(n = 0 to 4) Data Register (R/W Address YC0 to YC4) (E1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com